| Zakładka z wyszukiwarką danych komponentów |
|
SFH5711-2/3 Arkusz danych(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH5711-2/3 Arkusz danych(HTML) 2 Page - OSRAM GmbH |
|
2 / 14 page ![]() 2015-12-22 2 Version 1.7 SFH 5711 Maximum Ratings (TA = 25 °C) Operating Conditions Characteristics (T A = 25 °C) Parameter Symbol Values Unit Operating and storage temperature range 1) page 13 T op; Tstg -40 ... 100 °C Supply voltage V CC 6 V Output voltage V OUT < V CC V Electrostatic discharge (acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM) V ESD 2000 V Parameter Symbol Values Unit min typ max Supply voltage VCC 2.3 5.5 V Illuminance (TA = -30 °C ... 70 °C) EV 3 ... 80 k lx Illuminance (T A = -40 °C ... 100 °C) E V 10 ... 80 k lx Parameter Symbol Values Unit Current consumption (typ) (max) I cc Icc 0.41 0.5 mA mA Current consumption (EV = 0, VCC = 5 V) (typ) ICC 0.42 mA Current consumption (typ) (max) Icc I cc 0.46 0.55 mA mA Current consumption (E V = 1000 lx, VCC = 5 V) (typ) I CC 0.47 mA Wavelength of max. sensitivity (min) (typ) (max) λ s max λS max λs max 540 555 570 nm nm nm Spectral range of sensitivity (min) (max) λ10% λ 10% 475 650 nm nm Dimensions of radiant sensitive area (typ) L x W 0.4 x 0.4 mm x mm Output capacitance (typ) C OUT 3 pF Transfer function (Fig.: Circuitry) (min) (typ) (max) G G G 9.5 10 10.5 µA / dec µA / dec µA / dec |