| Zakładka z wyszukiwarką danych komponentów |
|
MB9BF412RPMC-G-JNE2 Arkusz danych(PDF) 10 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9BF412RPMC-G-JNE2 Arkusz danych(HTML) 10 Page - Cypress Semiconductor |
|
10 / 112 page ![]() Document Number: 002-05615 Rev. *D Page 10 of 112 MB9B410R Series LQM120 Note: − The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. (Top View) VCC 1 90 VSS P50/INT00_0/AIN0_2/SIN3_1/RTO10_0/MADATA00_0 2 89 P20/INT05_0/CROUT_0/AIN1_1/MAD24_0 P51/INT01_0/BIN0_2/SOT3_1/RTO11_0/MADATA01_0 3 88 P21/SIN0_0/INT06_1/BIN1_1 P52/INT02_0/ZIN0_2/SCK3_1/RTO12_0/MADATA02_0 4 87 P22/SOT0_0/TIOB7_1/ZIN1_1 P53/SIN6_0/TIOA1_2/INT07_2/RTO13_0/MADATA03_0 5 86 P23/SCK0_0/TIOA7_1/RTO00_1 P54/SOT6_0/TIOB1_2/RTO14_0/MADATA04_0 6 85 P24/RX1_0/SIN2_1/INT01_2/RTO01_1 P55/SCK6_0/ADTG_1/RTO15_0/MADATA05_0 7 84 P25/TX1_0/SOT2_1/RTO02_1 P56/SIN1_0/INT08_2/DTTI1X_0/MADATA06_0 8 83 P26/SCK2_1/RTO03_1 P57/SOT1_0/MADATA07_0 9 82 P27/TIOA6_2/INT02_2/RTO04_1 P58/SCK1_0/AIN2_0/MADATA08_0 10 81 P28/TIOB6_2/ADTG_4/RTO05_1 P59/SIN7_0/RX1_1/INT09_2/BIN2_0/MADATA09_0 11 80 P1F/AN15/ADTG_5/FRCK0_1/MAD23_0 P5A/SOT7_0/TX1_1/ZIN2_0/MADATA10_0 12 79 P1E/AN14/RTS4_1/DTTI0X_1/MAD22_0 P5B/SCK7_0/MADATA11_0 13 78 P1D/AN13/CTS4_1/IC03_1/MAD21_0 P30/AIN0_0/TIOB0_1/INT03_2/MADATA12_0 14 77 P1C/AN12/SCK4_1/IC02_1/MAD20_0 P31/BIN0_0/TIOB1_1/SCK6_1/INT04_2/MADATA13_0 15 76 P1B/AN11/SOT4_1/IC01_1/MAD19_0 P32/ZIN0_0/TIOB2_1/SOT6_1/INT05_2/MADATA14_0 16 75 P1A/AN10/SIN4_1/INT05_1/IC00_1/MAD18_0 P33/INT04_0/TIOB3_1/SIN6_1/ADTG_6/MADATA15_0 17 74 P19/AN09/SCK2_2/MAD17_0 P34/FRCK0_0/TIOB4_1/TX0_1/MNALE_0 18 73 P18/AN08/SOT2_2/MAD16_0 P35/IC03_0/TIOB5_1/RX0_1/INT08_1/MNCLE_0 19 72 AVSS P36/IC02_0/SIN5_2/INT09_1/MNWEX_0 20 71 AVRH P37/IC01_0/SOT5_2/INT10_1/MNREX_0 21 70 AVCC P38/IC00_0/SCK5_2/INT11_1 22 69 P17/AN07/SIN2_2/INT04_1/MAD15_0 P39/DTTI0X_0/ADTG_2 23 68 P16/AN06/SCK0_1/MAD14_0 P3A/RTO00_0/TIOA0_1/RTCCO_2/SUBOUT_2 24 67 P15/AN05/SOT0_1/IC03_2/MAD13_0 P3B/RTO01_0/TIOA1_1 25 66 P14/AN04/SIN0_1/INT03_1/IC02_2/MAD12_0 P3C/RTO02_0/TIOA2_1 26 65 P13/AN03/SCK1_1/RTCCO_1/SUBOUT_1/IC01_2/MAD11_0 P3D/RTO03_0/TIOA3_1 27 64 P12/AN02/SOT1_1/TX1_2/IC00_2/MAD10_0 P3E/RTO04_0/TIOA4_1 28 63 P11/AN01/SIN1_1/INT02_1/RX1_2/FRCK0_2/MAD09_0 P3F/RTO05_0/TIOA5_1 29 62 P10/AN00 VSS 30 61 VCC LQFP - 120 |