Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90352ASPMC Arkusz danych(PDF) 15 Page - Cypress Semiconductor

Numer części MB90352ASPMC
Szczegółowy opis  F2MC-16LX 16-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ASPMC Arkusz danych(HTML) 15 Page - Cypress Semiconductor

Back Button MB90352ASPMC Datasheet HTML 11Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 12Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 13Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 14Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 15Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 16Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 17Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 18Page - Cypress Semiconductor MB90352ASPMC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
Document Number: 002-07872 Rev. *A
Page 15 of 83
MB90350 Series
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP64*
32
P10
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD08
Input/output pin for external bus address data bus bit 8.
This function is enabled when external bus is enabled.
TIN1
Event input pin for reload timer1
33
P11
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD09
Input/output pin for external bus address data bus bit 9. This function is enabled when
external bus is enabled.
TOT1
Output pin for reload timer1
34
P12
N
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD10
Input/output pin for external bus address data bus bit 10. This function is enabled when
external bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin for INT11
35
P13
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD11
Input/output pin for external bus address data bus bit 11.
This function is enabled when external bus is enabled.
SOT3
Serial data output pin for UART3
36
P14
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD12
Input/output pin for external bus address data bus bit 12.
This function is enabled when external bus is enabled.
SCK3
Clock input/output pin for UART3
37
P15
N
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD13
Input/output pin for external bus address data bus bit 13.
This function is enabled when external bus is enabled.
38
P16
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD14
Input/output pin for external bus address data bus bit 14.
This function is enabled when external bus is enabled.
39
P17
G
General purpose I/O port. The register can be set to select whether to use a pull-up
resistor. This function is enabled in single-chip mode.
AD15
Input/output pin for external bus address data bus bit 15.
This function is enabled when external bus is enabled.
40 to 43
P20 to P23
G
General purpose I/O ports. The register can be set to select whether to use a pull-up
resistor. In external bus mode, the pins are enabled as a general purpose I/O port when
the corresponding bit in the external address output control register (HACR) is 1.
A16 to A19
Output pins for A16 to A19 of the external address data bus.
When the corresponding bit in the external address output control register (HACR) is 0,
the pins are enabled as high address output pins A16 to A19.
PPG9 (8) ,
PPGB (A) ,
PPGD (C) ,
PPGF (E)
Output pins for PPGs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com