| Zakładka z wyszukiwarką danych komponentów |
|
5228-DS04-R Arkusz danych(PDF) 16 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
5228-DS04-R Arkusz danych(HTML) 16 Page - Broadcom Corporation. |
|
16 / 100 page ![]() BCM5228 Data Sheet 7/12/04 Broa d c om Co rp o r a t i o n Page 4 Baseline Wander Correction Document 5228-DS09-405-R input signal, and thereby significantly reducing the chance of a receive symbol error. The baseline wander correction circuit is not required, and is therefore bypassed, in 10BASE-T and 100BASE-FX operating modes Table 1: 4B5B Encoding Name 4b Code 5b Code Meaning 0 0000 11110 Data 0 1 0001 01001 Data 1 2 0010 10100 Data 2 3 0011 10101 Data 3 4 0100 01010 Data 4 5 0101 01011 Data 5 6 0110 01110 Data 6 7 0111 01111 Data 7 8 1000 10010 Data 8 9 1001 10011 Data 9 A 1010 10110 Data A B 1011 10111 Data B C 1100 11010 Data C D 1101 11011 Data D E 1110 11100 Data E F 1111 11101 Data F I 0000a a. Treated as invalid code (mapped to 0111) when received in data field. 11111 Idle J 0101a 11000 Start-of-stream delimiter, part 1 K 0101a 10001 Start-of-stream delimiter, part 2 T 0000a 01101 End-of-stream delimiter, part 1 R 0000a 00111 End-of-stream delimiter, part 2 H 1000 00100 Transmit error (used to force signalling errors) V 0111 00000 Invalid code V 0111 00001 Invalid code V 0111 00010 Invalid code V 0111 00011 Invalid code V 0111 00101 Invalid code V 0111 00110 Invalid code V 0111 01000 Invalid code V 0111 01100 Invalid Code V 0111 10000 Invalid Code V 0111 11001 Invalid Code |