| Zakładka z wyszukiwarką danych komponentów |
|
M95080-RBN3T Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RBN3T Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 40 page ![]() 1/40 October 2004 M95160 M95080 16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock FEATURES SUMMARY ■ Compatible with SPI Bus Serial Interface (Positive Clock SPI Modes) ■ Single Supply Voltage: – 4.5 to 5.5V for M95xxx – 2.5 to 5.5V for M95xxx-W – 1.8 to 5.5V for M95xxx-R ■ High Speed – 10MHz Clock Rate, 5ms Write Time ■ Status Register ■ Hardware Protection of the Status Register ■ BYTE and PAGE WRITE (up to 32 Bytes) ■ Self-Timed Programming Cycle ■ Adjustable Size Read-Only EEPROM Area ■ Enhanced ESD Protection ■ More than 1 Million Erase/Write Cycles ■ More than 40-Year Data Retention Table 1. Product List Figure 1. Packages Reference Part Number M95160 M95160 M95160-W M95160-R M95080 M95080 M95080-W M95080-R PDIP8 (BN) SO8 (MN) 150 mil width 8 1 TSSOP8 (DW) 169 mil width TSSOP8 (DS) 3x3mm² body size (MSOP) 8 1 UFDFPN8 (MB) 2x3mm² (MLP) |
Podobny numer części - M95080-RBN3T |
|
Podobny opis - M95080-RBN3T |