| Zakładka z wyszukiwarką danych komponentów |
|
74F243SC Arkusz danych(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F243SC Arkusz danych(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF9502 November 1994 54F74F243 Quad Bus Transceiver with TRI-STATE Outputs General Description The ’F243 is a quad bus transmitterreceiver designed for 4-line asynchronous 2-way data communications between data busses Features Y 2-Way asynchronous data bus communication Y Input clamp diodes limit high-speed termination effects Y Guaranteed 4000V minimum ESD protection Commercial Military Package Package Description Number 54F243DM (Note 2) J14A 14-Lead Ceramic Dual-In-Line 74F243SC (Note 1) M14A 14-Lead (0150 Wide) Molded Small Outline JEDEC 54F243FM (Note 2) W14B 14-Lead Cerpack 54F243LM (Note 2) E20A 20-Lead Ceramic Leadless Chip Carrier Type C Note 1 Devices also available in 13 reel Use Suffix e SCX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB Logic Symbol IEEEIEC TLF9502 – 3 Connection Diagrams Pin Assignment for DIP SOIC and Flatpak TLF9502 – 1 Pin Assignment for LCC TLF9502 – 2 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Podobny numer części - 74F243SC |
|
Podobny opis - 74F243SC |