| Zakładka z wyszukiwarką danych komponentów |
|
CS120 Arkusz danych(PDF) 1 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
CS120 Arkusz danych(HTML) 1 Page - Lumileds Lighting Company |
|
1 / 3 page ![]() CASE STUDY CS120 Barcelona Tunnel Comes to Light Case Study ©2016 Lumileds Holding B.V. All rights reserved. Barcelona Tunnel Comes to Light LED fixtures along el Túnel de La Vila Olímpica deliver vastly improved visibility and a robust design that will last decades into the future. Challenge Winding along the beautiful Barcelona coastline is La Vila Olímpica, a road that carves its way through some seventeen tunnels. Though drivers traversing this freeway might give little thought to lighting inside these tunnels, they may now notice a dramatic change inside one tunnel that has undergone a lighting upgrade. Inspired by the potential savings in operating cost and improved visibility for drivers, the city of Barcelona decided to invest in LED tunnel lighting to replace the existing low pressure sodium fixtures. In el Túnel de la Vila Olímpica, only one side can be used to situate the luminaires. This requires a more flexible optical system that can provide light projection downward and to the side to illuminate both driving lanes equally. In addition, drivers entering a tunnel face stark contrast between daylight and a dark tunnel, so additional lumen output is needed at the openings to allow visual adjustment. Further, vehicle speed and light reflection from road and tunnel materials help determine necessary light levels inside the tunnel. Challenge To provide a safe and energy efficient lighting upgrade for the Túnel de la Vila Olímpica Barcelona. Solution With a flexible optical design, the Carandini T-Max luminaire projects uniform lighting to the roadway from one side of the tunnel and is specifically designed for use in harsh environments. Results and Benefits By providing higher lumen levels at the tunnel entrance and exit and consistent, high quality levels throughout, the T-Max luminaires with LUXEON M LEDs provide drivers with safe tunnel lighting that will last 25 years. When regular cleaning with high pressure water is performed, only one lane of traffic needs to be interrupted. T-Max fixtures by Carandini using LUXEON M LEDs were installed in el Túnel de la Vila Olímpica. Carandini provided a customized design, which minimizes the stark contrast between outside daylight and the dark tunnel. |
Podobny numer części - CS120 |
|
Podobny opis - CS120 |