Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LOQ976 Arkusz danych(PDF) 16 Page - OSRAM GmbH

Numer części LOQ976
Szczegółowy opis  Electronic Equipment
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOQ976 Arkusz danych(HTML) 16 Page - OSRAM GmbH

Back Button LOQ976 Datasheet HTML 12Page - OSRAM GmbH LOQ976 Datasheet HTML 13Page - OSRAM GmbH LOQ976 Datasheet HTML 14Page - OSRAM GmbH LOQ976 Datasheet HTML 15Page - OSRAM GmbH LOQ976 Datasheet HTML 16Page - OSRAM GmbH LOQ976 Datasheet HTML 17Page - OSRAM GmbH LOQ976 Datasheet HTML 18Page - OSRAM GmbH LOQ976 Datasheet HTML 19Page - OSRAM GmbH LOQ976 Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LO Q976
16 Version 1.3 | 2018-03-27
Chip Technology:
1:
TSN
3:
standard InGaN
4:
AlGaAs
6:
standard InGalP
E:
ThinGaN & package with 8 kV
ESD stability
G:
NOTA, Powerflip, ThinGaN
´
Encapsulant Type / Lens Properties
1:
focusing lens (=20°)
7:
clear resin or white volume conversion
8:
white volume conversion
9:
clear resin
Wavelength
Emission Color
Color coordinates according
dom typ.)
CIE 1931/Emission color:
B:
470 nm
blue
W:
white
S:
633 nm
super red
T:
528 nm
true green
Y:
587 nm
yellow
A:
617 nm
amber
R/J: 625 nm
red
H:
645 nm
hyper-red
O:
606 nm
orange
G:
570 nm
green
L:
Light
emitting
diode
Package Type
Q:
CHIPLED 0603 / 0402
R:
CHIPLED 0805
N:
CHIPLED 1206 /
CHIPLED with lens
Lead / Package Properties
1:
footprint: 0603 / height: 0.6 mm
3:
footprint: 0603 / height: 0.35 mm
9:
standard
H:
footprint: 0402 / height: 0.35 mm
Type Designation System
L
B
Q
H
9
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20