| Zakładka z wyszukiwarką danych komponentów |
|
XC62FP3001ML Arkusz danych(PDF) 5 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP3001ML Arkusz danych(HTML) 5 Page - Torex Semiconductor |
|
5 / 16 page ![]() ■Absolute Maximum Ratings ■Block Diagram VOUT VIN VSS + - Current Limit Voltage Reference PARAMETER Input Voltage Output Voltage Output Current SOT-23 Continuous Total Power Dissipation SOT-89 Operating Ambient Temperature Storage Temperature RATINGS 12 500 150 500 TO-92 300 –40 ~ +85 –40 ~ +125 UNITS V V mA mW °C °C SYMBOL VIN VOUT IOUT Pd Topr Tstg Ta=25 °C VSS-0.3 ~ VIN+0.3 GTO-92 2 3 4 5 6 7 1 TO-92(L Type) (TOP VIEW) 62F L 2 3 4 5 6 7 1 TO-92(T Type) (TOP VIEW) 62F q Represents the polarity of Output Voltage DESIGNATOR CONFIGURATION P CMOS we Represents the Detect Voltage w 3 3.3 5 5.0 e DESIGNATOR VOLTAGE(V) 3 0 r Represents the temperature characteristics DESIGNATOR TEMPERATURE CHARACTERISTICS 0 TPY±100ppm DESIGNATOR DETECT VOLTAGE ACCURACY 1 within ±1%(semi-custom) 2 within ±2% t Represents the Detect Voltage Accuracy y Represents a least significant digit of the produced year DESIGNATOR PRODUCED YEAR 0 2000 1 2001 u Denotes the production lot number 0 to 9, A to Z repeated (G.I.J.O.Q.W excepted) XC62FP Series 289 3 03S_05XC62FP 02.9.12 3:01 PM ページ 289 |