| Zakładka z wyszukiwarką danych komponentów |
|
SMP9410F Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SMP9410F Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers |
|
10 / 13 page ![]() 10 SMP9410 SUMMIT MICROELECTRONICS, Inc. Preliminary Information 2056 2.0 10/04/02 Table 3. Configuration Register 2056Table03 * Note: Never set the Programmable Device Type Identifier for DAC addressing to 1001 BIN. The Slave address for the configuration register is 1001 BIN, and a collision will occur on the I 2C bus. Note: All parts are normally shipped with the Configuration Register locked with setting 5Fh (01011111). Unlocked user configurable parts are available on a special order basis. Contact Summit. B S M 7 C 6 C5 C4 C3 C2 C1 C B S L 0 C n o i t c n u F x xxx x xx 0 e l b i s s e c c a r e t s i g e r n o i t a r u g i f n o C xx 1 d e k c o l r e t s i g e r n o i t a r u g i f n o C 00 x s 0 ll a o t t e s s C A D : ll a c e r n o r e w o P 01 s 1 ll a o t t e s s C A D : ll a c e r n o r e w o P 10 e l a c s d i m o t t e s s C A D : ll a c e r n o r e w o P 11 r e t s i g e r V N o t t e s s C A D : ll a c e r n o r e w o P 0 xx V n w o d r e w o p t A T U O e c n a d e p m i w o l = 1 V n w o d r e w o p t A T U O e c n a d e p m i h g i h = * 3 A D P* 2 A D P* 1 A D P* 0 A D P x r e i f i t n e d I e p y T e c i v e D e l b a m m a r g o r P g n i s s e r d d a C A D r o f APPLICATIONS INFORMATION (CONTINUED) Table 2. Command Structure 2056Table02 B S M 7 D 6 D5 D4 D3 D2 D1 D B S L 0 D d n a m m o Cn o i t c n u F 1 000 xx 9 D8 D 0 C A D e t i r W , p o t s o n h t i w e li t a l o V p o t s h t i w e li t a l o v n o n 10 0 1 xx 9 D8 D 1 C A D e t i r W 10 1 0 xx 9 D8 D 2 C A D e t i r W 10 1 1 xx 9 D8 D 3 C A D e t i r W 11 1 0 xx 9 D8 D s C A D ll a e t i r W 11 1 1 x 000 E ll a c e R 2 0 C A D o t E ll a c e R 2 s C A D o t 11 1 1 x 00 1 E ll a c e R 2 1 C A D o t 11 1 1 x 01 0 E ll a c e R 2 2 C A D o t 11 1 1 x 01 1 E ll a c e R 2 3 C A D o t 11 1 1 x 1 xx E ll a c e R 2 s C A D ll a o t 11 0 1 x 000 0 C A D D P s C A D n w o d r e w o P ) 3 e l b a T e e s ( 11 0 1 x 00 1 1 C A D D P 11 0 1 x 01 0 2 C A D D P 11 0 1 x 01 1 3 C A D D P 11 0 1 x 1 xx s C A D ll a D P 11 0 0 xxxx s C A D ll a U Ps C A D ll a p u r e w o P |