| Zakładka z wyszukiwarką danych komponentów |
|
ADCMP572BCP Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADCMP572BCP Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() ADCMP572/ADCMP573 Preliminary Technical Data Rev. PrB | Page 4 of 16 Parameter Symbol Conditions Min Typ Max Unit AC PERFORMANCE Propagation Delay tPD VCCI = 3.3 V, VOD = 200 mV 150 ps VCCI = 3.3 V, VOD = 20 mV 165 ps VCCI = 5.2 V, VOD = 200 mV 145 ps Propagation Delay Tempco ∆t PD /dT 0.5 ps/°C Prop Delay Skew—Rising Transition to Falling Transition VOD = 200 mV, 5 V/ns 10 ps 50 mV < VOD < 1.0 V, 5 V/ns 10 Overdrive Dispersion 10 mV < VOD < 1.0 V, 5 V/ns 15 ps ps Slew Rate Dispersion 2 V/ns to 10 V/ns 15 ps Pulse Width Dispersion 100 ps to 5 ns 5 ps VCCI = 3.3 V, 1 V/ns, VCM = 0 V 5 Duty Cycle Dispersion VCCI = 5.2 V, 1 V/ns, VCM = 0 V 10 ps Common-Mode Dispersion VOD=0.4V, 0.0 V < VCM < 1.0 V 5 ps/V Equivalent Input Bandwidth1 BWEQ 0.0 V to 400 mV input tR = tF = 25 ps, 20/80 8.0 GHz Toggle Rate > 50% Output Swing 12.5 Gbps Deterministic Jitter DJ VOD = 200 mV, 5 V/ns, PRBS31−1 NRZ, 4 Gbps 10 ps Deterministic Jitter DJ VOD = 200 mV, 5 V/ns, PRBS31−1 NRZ, 10 Gbps TBD ps RMS Random Jitter RJ VOD = 200 mV, 5 V/ns, 1.25 GHz 0.2 ps Minimum Pulse Width PWMIN ∆t PD / ∆PW < 5 ps 100 ps Minimum Pulse Width PWMIN ∆t PD / ∆PW < 10 ps 80 ps Rise Time tR 20/80 35 ps Fall Time tF 20/80 35 ps POWER SUPPLY Input Supply Voltage Range VCCI 3.1 5.4 V Output Supply Voltage Range VCCO 3.1 5.4 V Positive Supply Differential VCCI −VCCO −0.2 +2.3 V ADCMP572 (CML) VCCI = 3.3 V, VCCO = 3.3 V, terminate 50 Ω to VCCO 44 52 Positive Supply Current IVCCI + IVCCO VCCI = 5.2 V, VCCO = 5.2 V, terminate 50 Ω to VCCO 44 52 mA VCCI = 3.3 V, VCCO = 3.3 V, terminate 50 Ω to VCCO 145 160 Power Dissipation PD VCCI = 5.2 V, VCCO = 5.2 V, terminate 50 Ω to VCCO 240 265 mW ADCMP573 (RSPECL) VCCI = 3.3 V, VCCO = 3.3 V, 50 Ω to VCCO − 2 V 66 74 Positive Supply Current IVCCI + IVCCO VCCI = 5.2 V, VCCO = 5.2 V, 50 Ω to VCCO − 2V 68 76 mA VCCI = 3.3 V, VCCO = 3.3 V, 50 Ω to VCCO − 2 V 145 160 Power Dissipation PD VCCI = 5.2 V, VCCO = 5.2 V, 50 Ω to VCCO − 2 V 175 195 mW Power Supply Rejection—VCCI PSRVCCI VCCI = 3.3 V ±5%, VCCO = 3.3 V 74 dB 1 Equivalent Input Bandwidth assumes a simple first-order response and is calculated with the following formula: BWEQ = 0.22/•(trCOMP2-trIN2), where trIN is the 20/80 transition time of a quasi-Gaussian signal applied to the comparator input and trCOMP is the effective transition time digitized by the comparator. |