Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD150R08PC Arkusz danych(PDF) 7 Page - International Rectifier

Numer części SD150R08PC
Szczegółowy opis  STANDARD RECOVERY DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

SD150R08PC Arkusz danych(HTML) 7 Page - International Rectifier

  SD150R08PC Datasheet HTML 1Page - International Rectifier SD150R08PC Datasheet HTML 2Page - International Rectifier SD150R08PC Datasheet HTML 3Page - International Rectifier SD150R08PC Datasheet HTML 4Page - International Rectifier SD150R08PC Datasheet HTML 5Page - International Rectifier SD150R08PC Datasheet HTML 6Page - International Rectifier SD150R08PC Datasheet HTML 7Page - International Rectifier SD150R08PC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD150N/R Series
7
www.irf.com
Bulletin I2077 rev. B 11/01
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
100
10 00
100 00
11 .5
2
2 .5
33 .5
T = 25 C
J
In stan ta n e ou s Fo rw ard V oltag e (V )
SD 150 N/ R Se rie s
T = 180 C
J
100 0
150 0
200 0
250 0
300 0
350 0
110
1 0 0
N um b er O f E q ua l Am p litud e H a lf C yc le C urrent P u ls es (N)
SD 150N /R Se rie s
In itial T = 180 C
@ 60 H z 0.0083 s
@ 50 H z 0.0100 s
J
At An y Rate d Loa d C ondition And W ith
Ra te d V
Ap p lie d Follow in g Surg e .
RRM
500
1000
1500
2000
2500
3000
3500
4000
0.01
0.1
1
Pulse Train D ura tion (s)
In itia l T = 180 C
No V oltag e Re app lie d
Ra te d V
Re ap plie d
RRM
V e rsus Pulse Tra in D uration .
M a xim um N on Re pe titive Surg e C urre n t
J
SD 150N/ R Se ries
0.01
0.1
1
0.001
0 .01
0.1
1
10
Sq uare W ave Pulse D uration (s)
Ste ady State Value:
R
= 0.23 K/W
(D C O peration )
thJ C
SD 150N /R Series



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com