Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLE4284 Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części TLE4284
Szczegółowy opis  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284 Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  TLE4284 Datasheet HTML 1Page - Infineon Technologies AG TLE4284 Datasheet HTML 2Page - Infineon Technologies AG TLE4284 Datasheet HTML 3Page - Infineon Technologies AG TLE4284 Datasheet HTML 4Page - Infineon Technologies AG TLE4284 Datasheet HTML 5Page - Infineon Technologies AG TLE4284 Datasheet HTML 6Page - Infineon Technologies AG TLE4284 Datasheet HTML 7Page - Infineon Technologies AG TLE4284 Datasheet HTML 8Page - Infineon Technologies AG TLE4284 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Target Data Sheet Rev. 0.2
1
2000-10-06
Voltage Regulator
TLE 4284
Target Data Sheet
P-TO252-3-1
Features
• Fixed output voltage regulator 2.5 V, 3.3 V or 5 V
• Adjustable output down to 1.25 V
• 800 mA output current
• 80 dB ripple rejection
• No output capacitor necessary
• Suitable for automotive application
• Short circuit protected
• Overtemperature protected
 New device
Functional Description
The TLE 4284 is a monolithic integrated fixed or adjustable NPN type voltage regulator
that can supply loads up to 800 mA. The device is housed in the surface mounted
P-TO252-3-1 package (D-Pak). It is designed to supply microprocessor systems under
the severe conditions of automotive applications and therefore it is equipped with
additional protection against over load, short circuit and overtemperature.
An input voltage
V
I in the range of (VQ +2 V) < VI < 45V is regulatedto VQ.
The device operates in the temperature range of
T
j = – 40 to 150 °C.
The device is available for adjustable output voltage as well as in fixed voltage versions
for 3.3 V and 5.0 V (2.5 V on demand).
Type
Ordering Code
Package
 TLE 4284 DV
Q67000-A9480
P-TO252-3-1
 TLE 4284 DV33
Q67000-A9482
P-TO252-3-1
 TLE 4284 DV50
Q67000-A9481
P-TO252-3-1


Podobny numer części - TLE4284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TLE4284 INFINEON-TLE4284 Datasheet
444Kb / 25P
Voltage Regulator
Rev. 2.1, 2007-03-20
TLE4284DV INFINEON-TLE4284DV Datasheet
444Kb / 25P
Voltage Regulator
Rev. 2.1, 2007-03-20
TLE4284DV15 INFINEON-TLE4284DV15 Datasheet
444Kb / 25P
Voltage Regulator
Rev. 2.1, 2007-03-20
TLE4284DV18 INFINEON-TLE4284DV18 Datasheet
444Kb / 25P
Voltage Regulator
Rev. 2.1, 2007-03-20
TLE4284DV26 INFINEON-TLE4284DV26 Datasheet
444Kb / 25P
Voltage Regulator
Rev. 2.1, 2007-03-20
More results

Podobny opis - TLE4284

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15