Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT855 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części FZT855
Szczegółowy opis  150V NPN MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT855 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  FZT855_17 Datasheet HTML 1Page - Diodes Incorporated FZT855_17 Datasheet HTML 2Page - Diodes Incorporated FZT855_17 Datasheet HTML 3Page - Diodes Incorporated FZT855_17 Datasheet HTML 4Page - Diodes Incorporated FZT855_17 Datasheet HTML 5Page - Diodes Incorporated FZT855_17 Datasheet HTML 6Page - Diodes Incorporated FZT855_17 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT855
Document Number DS33176 Rev. 7 - 2
1 of 7
www.diodes.com
April 2017
© Diodes Incorporated
FZT855
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > 150V
IC = 5A High Continuous Collector Current
ICM = 10A Peak Pulse Current
Very Low Saturation Voltage VCE(SAT) < 110mV @ 1A
RCE(SAT) = 50mΩ for a Low Equivalent On-Resistance
hFE Specified Up to 10A for a High Gain Hold-Up
Complementary PNP Type: FZT955
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded
Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads. Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FZT855TA
FZT855
7
12
1,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SOT223
SOT223
Top View
Device Symbol
Top View
Pin-Out
C
E
B
Green
FZT 855 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 7 = 2017)
WW or WW = Week Code (01
–53)
FZT
855


Podobny numer części - FZT855_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT855 DIODES-FZT855_15 Datasheet
636Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
More results

Podobny opis - FZT855_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
FZT655TA DIODES-FZT655TA Datasheet
216Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT855TA DIODES-FZT855TA Datasheet
406Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FMMT495 DIODES-FMMT495_12 Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FCX495TA DIODES-FCX495TA Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX495 DIODES-FCX495_15 Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FMMT495 DIODES-FMMT495_15 Datasheet
209Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT855 DIODES-FZT855_15 Datasheet
636Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
ZTX855 DIODES-ZTX855_15 Datasheet
320Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 4
FMMT495 DIODES-FMMT495_16 Datasheet
485Kb / 7P
150V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com