Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS40M Arkusz danych(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BAS40M
Szczegółowy opis  Surface mount schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS40M Arkusz danych(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAS40M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS40M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS40M Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Surface mount schottky barrier diode
BAS40M/-04/-05/-06
N014
www.gmesemi.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Typ
MAX
UNIT
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IRS= 10μA
Forward Voltage
VF
-
-
380
1000
mV
tP<300μs,IF=1.0mA
tP<300μs,IF=40mA
Reverse Leakage Current
IR
-
20
200
nA
tP<300μs,VR=30V
Junction Capacitance
Cj
-
4.0
5.0
pF
VR=0V,f=1.0MHz
Reverse Recovery Time
trr
-
-
5.0
ns
IF=IR=10mA to
IR=1.0mA,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com