Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL2940 Arkusz danych(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Numer części BL2940
Szczegółowy opis  1A Low-Dropout Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BELLING [SHANGHAI BELLING CO., LTD.]
Strona internetowa  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2940 Arkusz danych(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL2940_16 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2940_16 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BL2940
www. belling. com. cn
Page 3 of 15
Pin Description
Pin Number
Pin Name
Function Description
SOT-223、TO-252
TO-220、TO-263
1
INPUT
Input pin
2
GND
Ground
3
OUTPUT
Output pin
Absolute Maximum Ratings (Ta=25℃)
*Note
Parameter Name
Symbol
Value
Unit
Input Voltage
Vin
26
V
Internal Power Dissipation
PD
Internally limited
Maximum Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-65 ~ +150
Operating Temperature
SOT-223
TOPR
-40 ~ +85
TO-252
-40 ~ +125
TO-220
-40 ~ +125
TO-263
-40 ~ +125
Note:Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com