Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP6286 Arkusz danych(PDF) 8 Page - Lowpower Semiconductor inc

Numer części LP6286
Szczegółowy opis  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWER [Lowpower Semiconductor inc]
Strona internetowa  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Arkusz danych(HTML) 8 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 8 of 8
LP6286–00 Version 0.0 NOV.-2016
Outline Information
QFN-24 Package (4×4) pitch 0.5 (Unit: mm)
E
D
LPS
LP6286
YWX
A1
A
C
1
2
D2
E2
L
e
b
Ne
Nd
h
h
SYMBOL
DIMENSION IN MILLIMETER
MIN
NOM
MAX
A
0.700
0.750
0.800
A1
---
0.020
0.050
b
0.180
0.250
0.300
C
0.180
0.200
0.250
D
3.900
4.000
4.100
D2
2.400
2.500
2.600
E
3.900
4.000
4.100
E2
2.400
2.500
2.600
e
0.500 BSC
Nd
2.500 BSC
Ne
2.500 BSC
L
0.350
0.400
0.450
h
0.300
0.350
0.400



Html Pages

1 2 3 4 5 6 7 8