Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TUSB1002A Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TUSB1002A
Szczegółowy opis  USB3.2 10 Gbps Dual-Channel Linear Redriver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002A Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TUSB1002A Datasheet HTML 4Page - Texas Instruments TUSB1002A Datasheet HTML 5Page - Texas Instruments TUSB1002A Datasheet HTML 6Page - Texas Instruments TUSB1002A Datasheet HTML 7Page - Texas Instruments TUSB1002A Datasheet HTML 8Page - Texas Instruments TUSB1002A Datasheet HTML 9Page - Texas Instruments TUSB1002A Datasheet HTML 10Page - Texas Instruments TUSB1002A Datasheet HTML 11Page - Texas Instruments TUSB1002A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8
TUSB1002A
SLLSF63 – MARCH 2018
www.ti.com
Product Folder Links: TUSB1002A
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTX-CM-IDLE-DELTA
Transmitter idle common
mode voltage change U2/U3
state.
Max allowed instantaneous commode-
mode voltage at connector side of AC
coupling capacitor. This is an absolute
voltage spec referenced to the receive
side termination ground.
-600
600
mV
VTX-DC-CM
TX DC common mode voltage 1200mVpp linear range setting;
0
1.85
2.05
V
VTX-CM-AC-PP-ACTIVE
Transmitter AC common
mode peak-peak voltage in
U0. Maximum mismatch from
TXP+TXN for both time and
amplitude.
1200mVpp linear setting; CHx_EQ
setting matches input channel insertion
loss;
116
mV
VTX-IDLE-DIFF-AC-PP
AC electrical idle differential
peak-to-peak output voltage
0
10
mV
VTX-CM-DC-ACTIVE-
IDLE-DELTA
Absolute DC common mode
voltage between U1 and U0
200
mV
RTX-DC-CM
TX DC common mode
impedance
18
30
Ω
RTX-DC-DIFF
TX DC differential impedance
72
120
Ω
ITX-SHORT
Transmitter short-circuit
current limit.
107
mA
CAC-COUPLING
External AC coupling
capacitor on differential pairs.
75
265
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com