| Zakładka z wyszukiwarką danych komponentów |
|
SN74ALVC04D Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ALVC04D Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 11 page ![]() www.ti.com ABSOLUTE MAXIMUM RATINGS (1) SN74ALVC04 HEX INVERTER SCES117J – JULY 1997 – REVISED JULY 2004 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range -0.5 4.6 V VI Input voltage range(2) -0.5 4.6 V VO Output voltage range(2)(3) -0.5 VCC + 0.5 V IIK Input clamp current VI < 0 -50 mA IOK Output clamp current VO < 0 -50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA D package(4) 86 DGV package(4) 127 θ JA Package thermal impedance NS package(4) 76 °C/W PW package(4) 113 RGY package(5) 47 Tstg Storage temperature range -65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) This value is limited to 4.6 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51-7. (5) The package thermal impedance is calculated in accordance with JESD 51-5. RECOMMENDED OPERATING CONDITIONS (1) MIN MAX UNIT VCC Supply voltage 1.65 3.6 V VCC = 1.65 V to 1.95 V 0.65 × V CC VIH High-level input voltage VCC = 2.3 V to 2.7 V 1.7 V VCC = 2.7 V to 3.6 V 2 VCC = 1.65 V to 1.95 V 0.35 × V CC VIL Low-level input voltage VCC = 2.3 V to 2.7 V 0.7 V VCC = 2.7 V to 3.6 V 0.8 VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 1.65 V -4 VCC = 2.3 V -12 IOH High-level output current mA VCC = 2.7 V -12 VCC = 3 V -24 VCC = 1.65 V 4 VCC = 2.3 V 12 IOL Low-level output current mA VCC = 2.7 V 12 VCC = 3 V 24 ∆t/∆v Input transition rise or fall rate 5 ns/V TA Operating free-air temperature -40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 2 |