Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST52T410 Arkusz danych(PDF) 30 Page - STMicroelectronics

Numer części ST52T410
Szczegółowy opis  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Arkusz danych(HTML) 30 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 26Page - STMicroelectronics ST52T410 Datasheet HTML 27Page - STMicroelectronics ST52T410 Datasheet HTML 28Page - STMicroelectronics ST52T410 Datasheet HTML 29Page - STMicroelectronics ST52T410 Datasheet HTML 30Page - STMicroelectronics ST52T410 Datasheet HTML 31Page - STMicroelectronics ST52T410 Datasheet HTML 32Page - STMicroelectronics ST52T410 Datasheet HTML 33Page - STMicroelectronics ST52T410 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
ST52T410/ST52T420/E420
30/84
(*) ST52x420 only
Figure 4.4 Interrupt Configuration Register 0
Table 4.2
Interrupts Description
Name
Description
Priority
Peripheral
Code
Maskable
EPROM
Locations
INT_ADC (*)
ADC
Int
Programmable
00
yes
3-5
INT_PWM/
TIMER0
PWM/TIMER 0
Int
Programmable
01
yes
6-8
INT_PWM/
TIMER1
PWM/TIMER 1
Int
Programmable
10
yes
9-11
INT_PWM/
TIMER2
PWM/TIMER 2
Int
Programmable
11
yes
12-14
INT_EXT
External
Interrupt (INT)
Ext
Highest
-
yes
15-17
7
0
MSKTM0 MSKAD MSKE
REG_CONF 0
EXTERNAL INT.
A/D CONV. INT.
PWM/TIMER 0 INT.
PWM/TIMER 1 INT.
PWM/TIMER 2 INT.
NOT USED
MSKTM1
MSKTM2
not used not used
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84