Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS58C1001F-15/XT Arkusz danych(PDF) 1 Page - Austin Semiconductor

Numer części AS58C1001F-15/XT
Szczegółowy opis  EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AUSTIN [Austin Semiconductor]
Strona internetowa  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001F-15/XT Arkusz danych(HTML) 1 Page - Austin Semiconductor

  AS58C1001F-15/XT Datasheet HTML 1Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 2Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 3Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 4Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 5Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 6Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 7Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 8Page - Austin Semiconductor AS58C1001F-15/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 4.0 3/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
For more products and information
please visit our web site at
www.austinsemiconductor.com
128K x 8 EEPROM
EEPROM Memory
AVAILABLE AS MILITARY
SPECIFICATIONS
l
SMD 5962-38267
l
MIL-STD-883
FEATURES
l
High speed: 150, 200, and 250ns
l
Data Retention: 10 Years
l
Low power dissipation, active current (20mW/MHz (TYP)),
standby current (100
µW(MAX))
l
Single +5V (+10%) power supply
l
Data Polling and Ready/Busy Signals
l
Erase/Write Endurance (10,000 cycles in a page mode)
l
Software Data protection Algorithm
l
Data Protection Circuitry during power on/off
l
Hardware Data Protection with RES pin
l
Automatic Programming:
Automatic Page Write: 10ms (MAX)
128 Byte page size
OPTIONS
MARKINGS
l
Timing
150ns access
-15
200ns access
-20
250ns access
-25
l
Packages
Ceramic Flat Pack
F
No. 306
Radiation Shielded Ceramic FP* SF
No. 305
Ceramic SOJ
DCJ No. 508
l
Operating Temperature Ranges
-Military (-55oC to +125oC)
XT
-Industrial (-40oC to +85oC)
IT
*NOTE: Package lid is connected to ground (Vss).
GENERAL DESCRIPTION
The Austin Semiconductor, Inc. AS58C1001 is a 1 Megabit CMOS
Electrically Erasable Programmable Read Only Memory (EEPROM)
organized as 131, 072 x 8 bits. The AS58C1001 is capable or in
system electrical Byte and Page reprogrammability.
The AS58C1001 achieves high speed access, low power consump-
tion, and a high level of reliability by employing advanced MNOS
memory technology and CMOS process and circuitry technology and
CMOS process and circuitry technology.
This device has a 128-Byte Page Programming function to make its
erase and write operations faster. The AS58C1001 features Data
Polling and a Ready/Busy signal to indicate completion of erase and
programming operations.
This EEPROM provides several levels of data protection. Hard-
ware data protection is provided with the RES pin, in addition to noise
protection on the WE signal and write inhibit during power on and off.
Software data protection is implemented using JEDEC Optional Stan-
dard algorithm.
The AS58C1001 is designed for high reliability in the most de-
manding applications. Data retention is specified for 10 years and
erase/write endurance is guaranteed to a minimum of 10,000 cycles in
the Page Mode.
PIN ASSIGNMENT
(Top View)
32-Pin CFP (F & SF), 32-Pin CSOJ (DCJ)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
RDY/BUSY\
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
I/O 2
Vss
Vcc
A15
RES\
WE\
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
I/O 6
I/O 5
I/O 4
I/O 3
PIN NAME
FUNCTION
A0 to A16
Address input
I/O0 to I/O7
Data input/output
OE\
Output enable
CE\
Chip enable
WE\
Write enable
Vcc
Power supply
Vss
Ground
RDY/Busy\
Ready busy
RES\
Reset


Podobny numer części - AS58C1001F-15/XT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Austin Semiconductor
AS58C1001F-15/XT AUSTIN-AS58C1001F-15/XT Datasheet
294Kb / 22P
128K x 8 EEPROM EEPROM Memory
AS58C1001F-15/XT AUSTIN-AS58C1001F-15/XT Datasheet
351Kb / 21P
128K x 8 EEPROM EEPROM Memory
More results

Podobny opis - AS58C1001F-15/XT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCC064GWZ-3 ROHM-BRCC064GWZ-3 Datasheet
468Kb / 28P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
Serial EEPROM Series Standard EEPROM WLCSP EEPROM
logo
ON Semiconductor
NV24C02WF ONSEMI-NV24C02WF Datasheet
207Kb / 12P
EEPROM
May, 2018 ??Rev. 2
NV24C128WF ONSEMI-NV24C128WF Datasheet
193Kb / 13P
EEPROM
May, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com