Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC2846 Arkusz danych(PDF) 23 Page - Linear Technology

Numer części LTC2846
Szczegółowy opis  3.3V Software-Selectable Multiprotocol Transceiver with Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC2846 Arkusz danych(HTML) 23 Page - Linear Technology

Back Button LTC2846 Datasheet HTML 16Page - Linear Technology LTC2846 Datasheet HTML 17Page - Linear Technology LTC2846 Datasheet HTML 18Page - Linear Technology LTC2846 Datasheet HTML 19Page - Linear Technology LTC2846 Datasheet HTML 20Page - Linear Technology LTC2846 Datasheet HTML 21Page - Linear Technology LTC2846 Datasheet HTML 22Page - Linear Technology LTC2846 Datasheet HTML 23Page - Linear Technology LTC2846 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC2846
sn2846 2846fs
Figure 35. Cable-Selectable Multiprotocol DTE/DCE Port with DB-25 Connector
TYPICAL APPLICATIO S
D2
D1
LTC2844
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DSR/DCE_DTR
DTE_DCD/DCE_DCD
DTE_CTS/DCE_RTS
D3
R2
R1
R4
R3
LTC2846
DTE_TXD/DCE_RXD
DTE_SCTE/DCE_RXC
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
M0
M1
M2
DCE/DTE
VCC
VDD
VCC
VEE
GND
2846 F35
C2
1
µF
R1
13k
C1
1
µF
C6
10
µF
C3
1
µF
C4
3.3
µF
D4
VCC
5V
SHDN
VIN
3.3V
CHARGE
PUMP
BOOST
SWITCHING
REGULATOR
L1
5.6
µH
33
7
35
4
36
D1
MBR0520
3
5
6
8
9
10
11
12
13
14
15
16
18
19
NC
1
2
3
4
5
6
7
8
10
9
NC
VIN
15
VIN
3.3V
16
17
18
19
20
21
22
23
24
25
32
31
30
29
28
27
26
25
24
23
22
21
20
26
27
28
C5
10
µF
C9
1
µF
C7
1
µF
C8
1
µF
M0
M1
M2
DCE/DTE
11
12
13
14
D1
D2
D3
R1
R2
R3
T
T
T
T
T
C10
1
µF
R2
4.3k
VCC
5V
2
14
24
11
15
12
17
9
3
1
25
21
18
4
19
20
8
23
10
6
22
5
13
7
16
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
SG
SHIELD
DCE/DTE
M1
M0
DB-25
CONNECTOR
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
TXC A
TXC B
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
DCD A
DCD B
DTR A
DTR B
DTE
DCE
MODE
V.35
RS449, V.36
RS232
PIN 18
PIN 7
NC
PIN 7
PIN 21
PIN 7
PIN 7
NC
CABLE WIRING FOR MODE SELECTION
MODE
PIN 25
DTE
PIN 7
DCE
NC
CABLE WIRING FOR
DTE/DCE SELECTION
TXD A
TXD B
SCTE A
SCTE B
17 VIN
3.3V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com