Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC14405AXXBG Arkusz danych(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części SC14405AXXBG
Szczegółowy opis  Complete Baseband Processor for DECT Handsets with onchip Flash and LCD controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14405AXXBG Arkusz danych(HTML) 2 Page - National Semiconductor (TI)

  SC14405AXXBG Datasheet HTML 1Page - National Semiconductor (TI) SC14405AXXBG Datasheet HTML 2Page - National Semiconductor (TI) SC14405AXXBG Datasheet HTML 3Page - National Semiconductor (TI) SC14405AXXBG Datasheet HTML 4Page - National Semiconductor (TI) SC14405AXXBG Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.national.com
1.0 CONNECTION DIAGRAMS
Order Number SC14405AFLAG (128kbyte Full FLASH , Boot mode A, 100 pins TQFP)
Order Number SC14405AFLBG (128kbyte Full FLASH , Boot mode B, 100 pins TQFP)
Order Number SC14405AxxAG (128kbyte ROM FLASH , Boot mode A, 100 pins TQFP)
Order Number SC14405AxxBG (128kbyte ROM FLASH , Boot mode B, 100 pins TQFP)
See NS Package Number VJG100A
Note 1:
All digital outputs can sink/source 2 mA unless otherwise specified. All digital inputs are Schmitt trigger types. After reset all I/Os are set to input
and all pull-up or pull-down resistors are enabled unless otherwise specified.
PU = Pull-up resistor enabled, PD = Pull-down resistor enabled, I = input
A-I, B-I = In Boot mode A or B input and pull-up or pull-down resistor disabled,
A-PD, B-PU = In Boot mode A, Pull-down resistor enabled. In Boot mode B, pull-up resistor enabled.
Note 2:
Reset state of address and data bus and WRn, RDn pins:
if SC14405: All signals are ‘1’ at startup.
AD0
AD1
AD2
AD3
RSTN
AVS2
LRS+
AVD
VDDRF
LRS-
VREF-
MIC-
AGND
MIC+
VREF+
VBAT1
VBAT2
VBAT3
DC_stab
LDO1_CTRL
DC_I
AVS
AD18
CAP
DAC
PD7
PD1
PD5
PD4
PD3
PD2
Xtal1
RFCLK
RSSI
PCM_FSC/PD6/ADC3
PCM_CLK/DAC2/ADC2
VSS
SK
SO
TDO
CMPREF
RDI
LE
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
SC14405
AVD2
DC_Sense
LDO_Sense
LDO2_CTRL
DAB0
DAB1
17-12-1998
P2[6]
DC_DIS
LCD26/BP3
BP2
BP1
BP0
LCD25/BP4
LCD24
LCD0
P3[0]
P3[1]



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com