Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTLP2033 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74GTLP2033
Szczegółowy opis  8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER WITH SPLIT LVTTL PORT AND FEEDBACK PATH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP2033 Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74GTLP2033 Datasheet HTML 1Page - Texas Instruments SN74GTLP2033 Datasheet HTML 2Page - Texas Instruments SN74GTLP2033 Datasheet HTML 3Page - Texas Instruments SN74GTLP2033 Datasheet HTML 4Page - Texas Instruments SN74GTLP2033 Datasheet HTML 5Page - Texas Instruments SN74GTLP2033 Datasheet HTML 6Page - Texas Instruments SN74GTLP2033 Datasheet HTML 7Page - Texas Instruments SN74GTLP2033 Datasheet HTML 8Page - Texas Instruments SN74GTLP2033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN74GTLP2033
8-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE REGISTERED TRANSCEIVER
WITH SPLIT LVTTL PORT AND FEEDBACK PATH
SCES352C – JUNE 2001 – REVISED SEPTEMBER 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
TSSOP – DGG
Tape and reel
SN74GTLP2033DGGR
GTLP2033
–40
°C to 85°C
TVSOP – DGV
Tape and reel
SN74GTLP2033DGVR
GT2033
VFBGA – GQL
Tape and reel
SN74GTLP2033GQLR
GR033
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
functional description
The SN74GTLP2033 is a high-drive (100 mA), 8-bit, three-wire registered transceiver containing D-type latches
and D-type flip-flops for data-path operation in the transparent, latched, or flip-flop modes. Data transmission
is complementary, with inverted AI data going to the B port and inverted B data going to AO. The split LVTTL
AI and AO provides a feedback path for control and diagnostics monitoring.
The logic element for data flow in each direction is configured by two mode (IMODE1 and IMODE0 for B to A,
OMODE1 and OMODE0 for A to B) inputs as a buffer, D-type flip-flop, or D-type latch. When configured in the
buffer mode, the inverted input data appears at the output port. In the flip-flop mode, data is stored on the rising
edge of the appropriate clock (CLKAB/LEAB or CLKBA/LEBA) input. In the latch mode, the clock inputs serve
as active-high transparent latch enables.
Data flow in the B-to-A direction, regardless of the logic element selected, is further controlled by the
LOOPBACK input. When LOOPBACK is low, B-port data is the B-to-A input. When LOOPBACK is high, the
output of the selected A-to-B logic element (prior to inversion) is the B-to-A input.
The AO enable/disable control is provided by OEBA. When OEBA is low or when VCC is less than 1.5 V, AO
is in the high-impedance state. When OEBA is high, AO is active (high or low logic levels).
The B port is controlled by OEAB and OEAB. If OEAB is low, OEAB is high, or VCC is less than 1.5 V, the B port
is inactive. If OEAB is high and OEAB is low, the B port is active.
The A-to-B and B-to-A logic elements are active, regardless of the state of their associated outputs. The logic
elements can enter new data (in flip-flop and latch modes) or retain previously stored data while the associated
outputs are in the high-impedance (AO) or inactive (B port) states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com