Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZPX3V9 Arkusz danych(PDF) 2 Page - SUNMATE electronic Co., LTD

Numer części ZPX3V9
Szczegółowy opis  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ZPX3V9 Arkusz danych(HTML) 2 Page - SUNMATE electronic Co., LTD

  ZPX3V9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD ZPX3V9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
3.0
80
20
400
1.0
100
1.0
340
3.3
80
20
400
1.0
40
1.0
320
3.6
70
20
500
1.0
20
1.0
290
3.9
60
15
500
1.0
10
1.0
280
4.3
50
13
500
1.0
3.0
1.0
250
4.7
45
13
500
1.0
3.0
1.0
215
5.1
45
10
500
1.0
1.0
1.5
200
5.6
45
7.0
400
1.0
1.0
2.0
190
6.2
35
4.0
300
1.0
1.0
3.0
170
6.8
35
3.5
300
1.0
50
4.0
155
7.5
35
3.0
200
0.5
50
4.5
140
8.2
25
5.0
200
0.5
50
6.2
130
9.1
25
5.0
200
0.5
50
6.8
120
10
25
7.0
200
0.5
50
7.5
105
11
20
8.0
300
0.5
50
8.2
97
12
20
9.0
350
0.5
0.5
9.1
88
13
20
10
400
0.5
0.5
10
79
15
15
15
500
0.5
0.5
11
71
16
15
15
500
0.5
0.5
12
66
18
15
20
500
0.5
0.5
13
62
19
15
20
550
0.5
0.5
14
58
20
10
24
600
0.5
0.5
15
56
22
10
25
600
0.5
0.5
16
52
24
10
25
600
0.5
0.5
18
47
27
8.0
30
750
0.25
0.5
20
41
30
8.0
30
1000
0.25
0.5
22
36
33
8.0
35
1000
0.25
0.5
24
33
36
8.0
40
1000
0.25
0.5
27
30
39
6.0
50
1000
0.25
0.5
30
28
43
6.0
50
1000
0.25
0.5
33
26
47
4.0
90
1500
0.25
0.5
36
23
51
4.0
115
1500
0.25
0.5
39
21
56
4.0
120
2000
0.25
0.5
43
19
62
4.0
125
2000
0.25
0.5
47
16
68
4.0
130
2000
0.25
0.5
51
15
75
4.0
135
2000
0.25
0.5
56
14
82
2.7
200
3000
0.25
0.5
62
12
91
2.7
250
3000
0.25
0.5
68
10
100
2.7
350
3000
0.25
0.5
75
9.4
110
2.7
450
4000
0.25
0.5
82
8.6
120
2.0
550
4500
0.25
0.5
91
7.8
130
2.0
700
5000
0.25
0.5
100
7.0
150
2.0
1000
6000
0.25
0.5
110
6.4
160
1.5
1100
6500
0.25
0.5
120
5.8
180
1.5
1200
7000
0.25
0.5
130
5.2
200
1.5
1900
9990
0.25
0.5
150
4.7
Note :
(1) The type number listed have a standard tolerance on the nominal zener voltage
± 5.0%.
TYPE
ZPX3V6
ZPX3V9
ZPX4V3
ZPX4V7
ZPX5V1
ZPX5V6
ZPX6V2
ZPX6V8
ZPX7V5
ZPX8V2
ZPX9V1
ZPX10
ZPX11
ZPX12
ZPX13
ZPX15
ZPX16
ZPX18
ZPX19
ZPX20
ZPX22
ZPX24
ZPX27
ZPX30
ZPX33
ZPX36
ZPX39
ZPX43
ZPX47
ZPX51
ZPX56
ZPX62
ZPX68
ZPX75
ZPX82
ZPX91
ZPX100
ZPX110
ZPX120
ZPX130
ZPX150
ZPX160
ZPX180
ZPX200
ZPX3V3
ZPX3V0
2 of 2
www.sunmate.tw



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com