| Zakładka z wyszukiwarką danych komponentów |
|
HSMBJSAC10 Arkusz danych(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
HSMBJSAC10 Arkusz danych(HTML) 3 Page - Microsemi Corporation |
|
3 / 3 page ![]() Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 3 Copyright 2002 11-24-2003 REV A HSMBJSAC5.0 thru HSMBJSAC50 500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR SCOTTSD A L E DIVISION Peak Power (Single Pulse) Average Power TL – Lead Temperature – oC t – Time – msec FIGURE 2 FIGURE 3 Lead Length = 3/8” SCHEMATIC APPLICATIONS The TVS low capacitance device configuration is shown in Figure 4. As a further option for unidirectional applications, an additional low capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in in Figure 5. In applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating than the TVS clamping voltage VC. Consult factory for recommended rectifier part number. If using two (2) low capacitance TVS devices in anti-parallel for bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is also provided. The unidirectional and bidirectional configurations in Figure 5 and 6 will both result in twice the capacitance of Figure 4. FIGURE 4 FIGURE 5 TVS with internal Low Optional Unidirectional Capacitance Diode configuration (TVS and separate rectifier diode) PACKAGE DIMENSIONS DIMENSIONS INCHES MILLIMETERS DIM MIN MAX MIN MAX A .073 .087 1.85 2.21 B .160 .180 4.06 4.57 C .130 .155 3.30 3.94 D .205 .220 5.21 5.59 E .075 .130 1.91 3.30 F .030 .060 .76 1.52 G .006 .016 .15 .41 NOTE: Dimension E exceeds the JEDEC outline in height as shown in parallel) FIGURE 6 Optional Bidirectional configuration (two TVS devices in anti-parallel) |