| Zakładka z wyszukiwarką danych komponentów |
|
HSMBJSAC22 Arkusz danych(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
HSMBJSAC22 Arkusz danych(HTML) 2 Page - Microsemi Corporation |
|
2 / 3 page ![]() HSMBJSAC5.0 thru HSMBJSAC50 500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR SCOTTSD A L E DIVISION ELECTRICAL CHARACTERISTICS @ 25oC MICROSEMI PART NUMBER REVERSE STAND-OFF VOLTAGE (Note 1) VWM Volts BREAKDOWN VOLTAGE @ I(BR) 1.0mA V(BR) Volts Min. MAXIMUM STANDBY CURRENT @VWM ID µA MAXIMUM CLAMPING VOLTAGE IP = 5.0A* VC Volts MAXIMUM PEAK PULSE CURRENT* RATING IPP Amps CAPACITANCE @ O Volts pF WORKING INVERSE BLOCKING VOLTAGE VWIB Volts INVERSE BLOCKING LEAKAGE CURRENT @ VWIB IIB mA PEAK INVERSE BLOCKING VOLTAGE VPIB Volts HSMBJSAC5.0 HSMBJSAC6.0 5.0 6.0 7.60 7.90 300 300 10.0 11.2 44 41 30 30 75 75 1 1 100 100 HSMBJSAC7.0 HSMBJSAC8.0 7.0 8.0 8.33 8.89 300 100 12.6 13.4 38 36 30 30 75 75 1 1 100 100 HSMBJSAC8.5 HSMBJSAC10 8.5 10 9.44 11.10 50 5.0 14.0 16.3 34 29 30 30 75 75 1 1 100 100 HSMBJSAC12 HSMBJSAC15 12 15 13.30 16.70 5.0 5.0 19.0 23.6 25 20 30 30 75 75 1 1 100 100 HSMBJSAC18 HSMBJSAC22 18 22 20.00 24.40 5.0 5.0 28.8 35.4 15 14 30 30 75 75 1 1 100 100 HSMBJSAC26 HSMBJSAC36 26 36 28.90 40.0 5.0 5.0 42.3 60.0 11.1 8.6 30 30 75 75 1 1 100 100 HSMBJSAC45 HSMBJSAC50 45 50 50.00 55.50 5.0 5.0 77.0 88.0 6.8 5.8 30 30 150 150 1 1 200 200 *See Figure 3 Clamping Factor: The ratio of the numerical value of VC to V(BR) is typically 1.4 @ full rated power, 1.20 @ 50% rated power. Also see MicroNote 108. Note 1: A transient voltage suppressor is normally selected according to voltage (VWM), that should be equal to or greater than the dc or continuous peak operating voltage level. Note 2: When pulse testing, test in TVS avalanche direction. Do not pulse in “forward” direction. See section for “Schematic Applications” herein. . GRAPHS tw – Pulse Width µs FIGURE 1 Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2002 11-24-2003 REV A |