Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STV0680-001 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części STV0680-001
Szczegółowy opis  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680-001 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button STV0680-001 Datasheet HTML 5Page - STMicroelectronics STV0680-001 Datasheet HTML 6Page - STMicroelectronics STV0680-001 Datasheet HTML 7Page - STMicroelectronics STV0680-001 Datasheet HTML 8Page - STMicroelectronics STV0680-001 Datasheet HTML 9Page - STMicroelectronics STV0680-001 Datasheet HTML 10Page - STMicroelectronics STV0680-001 Datasheet HTML 11Page - STMicroelectronics STV0680-001 Datasheet HTML 12Page - STMicroelectronics STV0680-001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
9
STV0680F_contents.fm
AVI video file creation from image sequences captured in ‘continuous’ mode
Custom OEM software can be developed by using the SDK (for SDK availability, contact ST), to upload thumbnails/still images or
‘continuous’ images, e.g. for AVI file creation.
1.4.5
Power management features and USB compliance
Picture retention with extremely low power operation, which appears to the user as if the camera is “switched off”.
Auto power-off after 30sec with no user activity
Operates from 6-9V battery, although system voltage is 5V or 3.3V, dependant on sensor.
Low battery detection
Dependant on hardware configuration, switch-over to USB power supply is supported, to allow the device to operate with low
batteries or without batteries, when connected to USB.
Full USB compliance requirements are listed in the USB specification, however, in a camera designed using this chipset, the
following must at least be included: (a) an SDRAM with sufficiently low self-refresh current, (b) USB inrush protection circuitry,
and (c) (in the case of VV6444 only) a switched 5V sensor supply is used, to maintain sufficient supply voltage to the 5V
sensor. See Section 9. for further details.
1.4.6
General features
High speed picture download over USB
ST Colour processing algorithms available under license (as part of drivers/SDK)
USB or RS232 serial interface options, and VfW / TWAIN driver support.
Customisation of STV0680A is possible to vary the features described in this document, subject to commercial agreement
with ST, see Section 6.
Interface type:
PC Operating system:
RS232
Win9x, WinNT4, Win2k
USB
Win98 and Win2k only
STV680-001
Not available
TWAIN
STV0680A-002
TWAIN
TWAIN, VfW
Table 3 : Driver choices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com