Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZXCL400E5 Arkusz danych(PDF) 2 Page - Zetex Semiconductors

Numer części ZXCL400E5
Szczegółowy opis  MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZETEX [Zetex Semiconductors]
Strona internetowa  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL400E5 Arkusz danych(HTML) 2 Page - Zetex Semiconductors

  ZXCL400E5 Datasheet HTML 1Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL400E5 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage with respect to GND
VIN
-0.3V to 7.0V
EN
-0.3V to 10V
VO
-0.3V to 5.5V
Package Power Dissipation (TA=25°C)
SC70-5
300mW (Note 1)
SOT23-5
450mW (Note 1)
Output short circuit duration
Infinite
Continuous Power Dissipation
Internally limited
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ZXCL Series
ISSUE 7 - AUGUST 2002
2
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
VIN
Input Voltage
(note2)
5.5
V
VO
Output Voltage
IO = 1mA
ZXCL250 / 5213V25
ZXCL260 / 5213V26
ZXCL280 / 5213V28
ZXCL300 / 5213V30
ZXCL330 / 5213V33
ZXCL400 / 5213V40
IO = 100mA
VO +0.5V<VIN <VIN max.
ZXCL250 / 5213V25
ZXCL260 / 5213V26
ZXCL280 / 5213V28
ZXCL300 / 5213V30
ZXCL330 / 5213V33
ZXCL400 / 5213V40
2.450
2.548
2.744
2.940
3.234
3.920
2.425
2.522
2.744
2.910
3.201
3.880
2.5
2.6
2.8
3.0
3.3
4.0
2.550
2.652
2.856
3.060
3.366
4.080
2.575
2.678
2.884
3.090
3.399
4.120
V
V
∆V
O/∆T
Output Voltage
Temperature
Coefficient
-15
ppm/°C
IO(MAX)
Output Current
ZXCL250 / 5213V25 only
150
100
mA
IOLIM
Over Current Limit
ZXCL250 / 5213V25 only
160
105
230
800
750
mA
IQ
Ground pin current
No Load
IO = 150mA,
IO = 100mA,
25
50
40
50
120
100
A
A
A
ELECTRICAL CHARACTERISTICS
VIN = VO + 0.5V, all values at TA = 25 C (Unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com