Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8366 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8366
Szczegółowy opis  Dual-Digital Variable Gain Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8366 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8366_17 Datasheet HTML 1Page - Analog Devices AD8366_17 Datasheet HTML 2Page - Analog Devices AD8366_17 Datasheet HTML 3Page - Analog Devices AD8366_17 Datasheet HTML 4Page - Analog Devices AD8366_17 Datasheet HTML 5Page - Analog Devices AD8366_17 Datasheet HTML 6Page - Analog Devices AD8366_17 Datasheet HTML 7Page - Analog Devices AD8366_17 Datasheet HTML 8Page - Analog Devices AD8366_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DC to 600 MHz,
Dual-Digital Variable Gain Amplifiers
Data Sheet
AD8366
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Matched pair of differential, digitally controlled VGAs
Gain range: 4.5 dB to 20.25 dB
0.25 dB gain step size
Operating frequency
DC to 150 MHz (2 V p-p)
3 dB bandwidth: 600 MHz
Noise figure (NF)
11.4 dB at 10 MHz at maximum gain
18 dB at 10 MHz at minimum gain
OIP3: 45 dBm at 10 MHz
HD2/HD3
Better than −90 dBc for 2 V p-p output at 10 MHz at
maximum gain
Differential input and output
Adjustable output common-mode
Optional dc output offset correction
Serial/parallel mode gain control
Power-down feature
Single 5 V supply operation
APPLICATIONS
Baseband I/Q receivers
Diversity receivers
Wideband ADC drivers
FUNCTIONAL BLOCK DIAGRAM
VPSIA
IPPA
IPMA
ENBL
ICOM
IPMB
IPPB
VPSIB
BIT0/CS
BIT1/SDAT
BIT2/SCLK
BIT3
OCOM
BIT4
BIT 5
DENA
DIGITAL GAIN
CONTROL LOGIC
Figure 1.
GENERAL DESCRIPTION
The AD8366 is a matched pair of fully differential, low noise and
low distortion, digitally programmable variable gain amplifiers
(VGAs). The gain of each amplifier can be programmed separately
or simultaneously over a range of 4.5 dB to 20.25 dB in steps of
0.25 dB. The amplifier offers flat frequency performance from dc
to 70 MHz, independent of gain code.
The AD8366 offers excellent spurious-free dynamic range, suitable
for driving high resolution analog-to-digital converters (ADCs).
The NF at maximum gain is 11.4 dB at 10 MHz and increases
~2 dB for every 4 dB decrease in gain. Over the entire gain range,
the HD3/HD2 are better than −90 dBc for 2 V p-p at the output at
10 MHz into 200 Ω. The two-tone intermodulation distortion of
−90 dBc into 200 Ω translates to an OIP3 of 45 dBm (38 dBVrms).
The differential input impedance of 200 Ω provides a well-defined
termination. The differential output has a low impedance of ~25 Ω.
The output common-mode voltage defaults to VPOS/2 but can
be programmed via the VCMA and VCMB pins over a range
of voltages. The input common-mode voltage also defaults
to VPOS/2 but can be driven down to 1.5 V. A built-in, dc offset
compensation loop can be used to eliminate dc offsets from prior
stages in the signal chain. This loop can also be disabled if dc-
coupled operation is desired.
The digital interface allows for parallel or serial mode gain
programming. The AD8366 operates from a 4.75 V to 5.25 V
supply and consumes typically 180 mA. When disabled, the
part consumes roughly 3 mA. The AD8366 is fabricated using
Analog Devices, Inc., advanced silicon-germanium bipolar
process, and it is available in a 32-lead exposed paddle LFCSP
package. Performance is specified over the −40°C to +85°C
temperature range.


Podobny numer części - AD8366_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
368Kb / 13P
DC to 500 MHz, Dual Digital Gain Trim Amplifier
Rev. PrC
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
More results

Podobny opis - AD8366_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD600 AD-AD600 Datasheet
669Kb / 20P
Dual, Low Noise, Wideband Variable Gain Amplifiers
AD600 AD-AD600_06 Datasheet
588Kb / 28P
Dual, Low Noise, Wideband Variable Gain Amplifiers
1/06-Rev. D to Rev. E
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD602 AD-AD602_15 Datasheet
677Kb / 33P
Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
Dual Intermediate Frequency Digital Variable Gain Amplifier
IDTF1241 IDT-IDTF1241 Datasheet
1Mb / 20P
Dual IF Digital Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
logo
Renesas Technology Corp
F1241 RENESAS-F1241 Datasheet
1Mb / 21P
Dual IF Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com