Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NL1015T Arkusz danych(PDF) 2 Page - II-VI Marlow, Inc.

Numer części NL1015T
Szczegółowy opis  Single-Stage Thermoelectric Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VIMARLOW [II-VI Marlow, Inc.]
Strona internetowa  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1015T Arkusz danych(HTML) 2 Page - II-VI Marlow, Inc.

  NL1015T_17 Datasheet HTML 1Page - II-VI Marlow, Inc. NL1015T_17 Datasheet HTML 2Page - II-VI Marlow, Inc. NL1015T_17 Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MI Form 005-0808 Rev. A
DOC # 102-0293 REV H - PAGE 2 OF 3
www.marlow.com
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
POWER GENERATION PERFORMANCE CURVES
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at 877-627-5691.
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
(WATTS)
LOAD
HEAT
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.0
0.8
0.6
0.4
0.2
0.0
5.0
4.0
3.0
2.0
1.0
0.0
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0.00
(WATTS)
LOAD
HEAT
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
1.0
0.8
0.6
0.4
0.2
0.0
4.0
3.0
2.0
1.0
0.0
T=0
T=0
30
35
40
45
50
55
65
75
85
0
0.1
0.2
0.3
0.4
0.5
0.6
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=27°C
55
60
65
70
75
80
85
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
0.2
0.4
0.6
0.8
1.0
Heat (W)
Hot Side Temperature (°C)
Power
Voltage
Tc=50°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
6
7
8
9
10
Load Resistance Ratio
Normalized Off-Peak Performance
Efficiency
Voltage
Hot Side Temperature 50°C
Hot Side Temperature 27°C
Hot Side Temperature (°C)
85
55
35
Cold Side Temperature (°C)
27
27
27
Optimum Efficiency, η (%)
2.52
1.28
0.37
Optimum Power (W)
0.048 0.012 0.001
Optimum Voltage (V)
0.561 0.268 0.076
Load Resistance for Opt η (Ω)
6.59
6.15
5.85
Open Circuit Voltage, VOC (V)
0.98
0.47
0.13
Short Circuit Current (A)
0.20
0.10
0.03
Thermal Resistance (°C/W)
30.64 30.68 30.63



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com