Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DDZ8V2CS Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części DDZ8V2CS
Szczegółowy opis  SURFACE MOUNT PRECISION ZENER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ8V2CS Arkusz danych(HTML) 5 Page - Diodes Incorporated

  DDZ8V2CS Datasheet HTML 1Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 2Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 3Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 4Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 5Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 6Page - Diodes Incorporated DDZ8V2CS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DDZ5V1BS - DDZ47S
Document number: DS30414 Rev. 10 - 2
5 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DDZ5V1BS - DDZ47S
0.1
10
100
1
1,000
10,000
24
26
28
30
32
34
V , ZENER VOLTAGE (V)
Z
Fig. 10 Typical Zener Impedance Characteristics,
DDZ24CS - DDZ33S
I = 2mA
Z
0.1
10
100
1
1,000
10,000
34
36
38
40
42
V , ZENER VOLTAGE (V)
Z
Fig. 11 Typical Zener Impedance Characteristics,
DDZ36S - DDZ43S
I = 2mA
Z
44
-0.08
0.12
-0.04
-0.06
0
6
10
V , ZENER VOLTAGE (V)
Z
Fig. 12 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ6V2BS-DDZ10CS
4
2
8
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 13 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ10CS-DDZ20CS
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Z
Fig. 14 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ20CS-DDZ30DS
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 5mA
ZT
I
= 2mA
ZT
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Z
Fig. 15 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ30DS-DDZ43S
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
I
= 2mA
ZT



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com