Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K5-LFCN Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części K5-LFCN
Szczegółowy opis  LOW PASS FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K5-LFCN Arkusz danych(HTML) 1 Page - Mini-Circuits

  K5-LFCN Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOW PASS FILTERS
Designer's Kit K5-LFCN+
RF/IF MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
®
ISO 9001 ISO 14001 CERTIFIED
only
12995
$
Kit K5-LFCN+ Electrical specifications of each model
ea.kit (13 models,5of each, 65 total )
Passband DC to 6700MHz
LFCN+ Features
Wideband, 50
LTCC Low Temperature Co-fired Ceramic
Small size (L)0.12" x (W)0.06"
Temperature stable
Repeatable performance
MINI-CIRCUITS DESIGNER'S KITS
THE SOLUTION !
Model
Passband
fco, (MHz)
Stopband (MHz)
VSWR (:1)
No. of
Power
(MHz)
Nom.
( loss, dB)
Sections
Input*
(W)
(loss < 1dB)
(loss 3dB)
f 20
30
fr 20
Stopband
Passband
Max.
Typ.
Min.
Typ.
Typ.
Typ.
Typ.
Max.
LFCN-2000+
DC-2000
2275
3000
3100-3500
4600
20
1.3
5
9
• LFCN-2250+
DC-2200
2575
2900
3000-5000
7200
20
1.2
7
10
LFCN-2400+
DC-2400
2800
3600
3700-4000
5000
20
1.2
5
9
• LFCN-2500+
DC-2500
3075
3675
3800-6100
8000
20
1.2
7
10
• LFCN-2600+
DC-2600
3125
3750
3900-6600
8400
20
1.2
7
10
• LFCN-2750+
DC-2750
3150
4000
4150-6800
8400
20
1.2
7
10
• LFCN-2850+
DC-2800
3300
4000
4200-7400
9000
20
1.2
7
10
• LFCN-3000+
DC-3000
3600
4550
4780-7500
10000
20
1.2
7
10
• LFCN-3800+
DC-3900
4850
6000
5700-8300
13000
17
1.3
7
8
• LFCN-4400+
DC-4400
5290
6700
6280-9800
13000
17
1.2
7
8
• LFCN-5000+
DC-5000
5580
6850
7050-10000
18000
20
1.2
7
9
• LFCN-6000+
DC-6000
6800
8500
8700-10500
18000
20
1.3
7
9
• LFCN-6700+
DC-6700
7600
9300
9500-11000
18000
20
1.3
7
9
• Protected under U.S. Patent 6,943,646
LFCN-2250+, -2850+, -6000+, -6700+ Loss < 1.2dB, LFCN-2000, -2400+, -3800+ Loss < 1.5dB.
* Passband rating, at 100oC ambient derate linearly to 3.5W, 3W for LFCN-3800+, -4400+, -5000+, -6000+, -6700+, 4W for LFCN-2000+, -2400+.
Excellent power handling
Hermetically sealed
Low cost
o S
COMPLIANT
All models are
RoHS compliant
REV. OR
M104866
K5-LFCN+


Podobny numer części - K5-LFCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
K5-BW1 MINI-K5-BW1 Datasheet
280Kb / 1P
FIXED ATTENUATORS
K5-BW2 MINI-K5-BW2 Datasheet
292Kb / 1P
FIXED ATTENUATORS
logo
Mitsumi Electronics, Co...
K5-C MITSUMI-K5-C Datasheet
182Kb / 4P
Adjustable Type Coils
logo
Mini-Circuits
K5-GALI MINI-K5-GALI Datasheet
145Kb / 1P
AMPLIFIERS
K5-GALI+ MINI-K5-GALI+ Datasheet
145Kb / 1P
AMPLIFIERS
More results

Podobny opis - K5-LFCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
TDK Electronics
DEA161990LT-1180A1 TDK-DEA161990LT-1180A1 Datasheet
53Kb / 3P
Multilayer Low Pass Filters
logo
Mini-Circuits
K1-LFCN MINI-K1-LFCN Datasheet
298Kb / 1P
LOW PASS FILTERS
K2-LFCN MINI-K2-LFCN Datasheet
319Kb / 1P
LOW PASS FILTERS
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-LHP MINI-K-LHP Datasheet
282Kb / 1P
LOW PASS & HIGH PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
K1-LFCW MINI-K1-LFCW Datasheet
433Kb / 1P
Low Pass Filters
REV. OR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com