Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM86LS62 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części DM86LS62
Szczegółowy opis  Dual Rank 8-Bit TRI-STATE Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM86LS62 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  DM86LS62 Datasheet HTML 1Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 2Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 3Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 4Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 5Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 6Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 7Page - National Semiconductor (TI) DM86LS62 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics VCC e 5V and TA e 25 C
Symbol
Parameter
Conditions
Min
Max
Units
fMAX
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay Time Low-to-High-Level
733
ns
from Clock to Any Outputs
tPHL
Propagation Delay Time High-to-Low Level
10
48
ns
from Clock to Any Outputs
CL e 15 pF RL e 1kX
tENABLE
Enable Time from Any Control Inputs
5
30
ns
tDISABLE
Disable Time from Any Control Inputs
6
30
ns
tZH
Output Enable Time to High Level
5
23
ns
tZL
Output Enable to Low Level
4
18
ns
tHZ
Output Disable Time from High Level
CL e 5 pF RL e 1kX
523
ns
tLZ
Output Disable Time from Low Level
6
27
ns
Logic Diagram
TLF6438 – 2
3



Html Pages

1 2 3 4 5 6 7 8