Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC6945 Arkusz danych(PDF) 4 Page - Linear Technology

Numer części LTC6945
Szczegółowy opis  16-Bit, 20Msps Serial Low Noise Dual ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC6945 Arkusz danych(HTML) 4 Page - Linear Technology

  LTC6945 Datasheet HTML 1Page - Linear Technology LTC6945 Datasheet HTML 2Page - Linear Technology LTC6945 Datasheet HTML 3Page - Linear Technology LTC6945 Datasheet HTML 4Page - Linear Technology LTC6945 Datasheet HTML 5Page - Linear Technology LTC6945 Datasheet HTML 6Page - Linear Technology LTC6945 Datasheet HTML 7Page - Linear Technology LTC6945 Datasheet HTML 8Page - Linear Technology LTC6945 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2271
4
2271f
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
1.4MHz Input
5MHz Input
30MHz Input
70MHz Input
l
82.3
84.1
84.1
83.8
82.7
dBFS
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range, 2nd Harmonic
1.4MHz Input
5MHz Input
30MHz Input
70MHz Input
l
88
99
98
98
90
dBFS
dBFS
dBFS
dBFS
Spurious Free Dynamic Range, 3rd Harmonic
1.4MHz Input
5MHz Input
30MHz Input
70MHz Input
l
88
99
98
98
96
dBFS
dBFS
dBFS
dBFS
Spurious Free Dynamic Range, 4th Harmonic or Higher
1.4MHz Input
5MHz Input
30MHz Input
70MHz Input
l
93
110
110
105
100
dBFS
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
1.4MHz Input
5MHz Input
30MHz Input
70MHz Input
l
81.8
83.9
83.9
83.7
82.0
dBFS
dBFS
dBFS
dBFS
Crosstalk
10MHz Input
–110
dBc
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
l
0.5 • VDD – 25mV
0.5 • VDD
0.5 • VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600μA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
l
1.230
1.250
1.270
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC–)
Differential Encode Mode (ENC– Not Tied to GND)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.6
V
V
VIN
Input Voltage Range
ENC+, ENC– to GND (Note 8)
l
0.2
3.6
V
RIN
Input Resistance
See Figure 10
10
kΩ
CIN
Input Capacitance
(Note 8)
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24