Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHVIC910HR2 Arkusz danych(PDF) 2 Page - Motorola, Inc

Numer części MHVIC910HR2
Szczegółowy opis  921 MHz - 960 MHz SiFET RF Integrated Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHVIC910HR2 Arkusz danych(HTML) 2 Page - Motorola, Inc

  MHVIC910HR2 Datasheet HTML 1Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 2Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 3Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 4Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 5Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 6Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 7Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 8Page - Motorola, Inc MHVIC910HR2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MHVIC910HR2
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
0 (Minimum)
Machine Model
M2 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22−A113, IPC/JEDEC J−STD−020
3
240
°C
Table 5. Recommended Operating Ranges
Parameter
Symbol
Value
Unit
Drain Supply Voltage
VDD
26
Vdc
3rd Stage Quiescent Current
IDQ3
150
mA
2nd Stage Quiescent Current
IDQ2
50
mA
1st Stage Quiescent Current
IDQ1
25
mA
Table 6. Electrical Characteristics (TA = 25°C matched to a 50 Ω system, unless otherwise noted)
VDD = 26 V, VGS set for IDQ3 = 150 mA, frequency range 921−960 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
fRF
921
960
MHz
Output Power @ 1 dB Compression Point
P @ 1dB
39
40
dBm
Power Gain @ P1dB
G @ 1dB
38
39
dB
Power Added Efficiency @ 1 dB Compression Point
PAE @ 1dB
43
48
%
Input Return Loss @ P1dB
IRL @ 1dB
−15
−10
dB
Gain Flatness @ 40 dBm
Variation (TC = −30 to +85°C @ 40 dBm)
GF
GV
.5
5
dB
dB
Load Stability
(VDS = 24 V to 28 V, Pout = P1dB Down to 0 dBm,
All Phase Angles)
VSWR
10:1
Ruggedness
(VDS = 26 V, Pout = 42 dBm, Load VSWR = 10:1,
All Phase Angles)
Ψ
No Damage After Test
NOTE − CAUTION − MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com