| Zakładka z wyszukiwarką danych komponentów |
|
LTC1696 Arkusz danych(PDF) 21 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1696 Arkusz danych(HTML) 21 Page - Linear Technology |
|
21 / 24 page ![]() LTC4366 436612fe For more information www.linear.com/LTC4366 21 PACKAGE DESCRIPTION Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings. 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.22 – 0.36 8 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) TS8 TSOT-23 0710 REV A 2.90 BSC (NOTE 4) 0.65 BSC 1.95 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.40 MAX 0.65 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF TS8 Package 8-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1637 Rev A) |