Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3351 Arkusz danych(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Numer części AM3351
Szczegółowy opis  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Arkusz danych(HTML) 65 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 61Page - Texas Instruments AM3351 Datasheet HTML 62Page - Texas Instruments AM3351 Datasheet HTML 63Page - Texas Instruments AM3351 Datasheet HTML 64Page - Texas Instruments AM3351 Datasheet HTML 65Page - Texas Instruments AM3351 Datasheet HTML 66Page - Texas Instruments AM3351 Datasheet HTML 67Page - Texas Instruments AM3351 Datasheet HTML 68Page - Texas Instruments AM3351 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 252 page
background image
65
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
www.ti.com
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
Table 4-29. PRU-ICSS/MII0 Signals Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
pr1_mii0_rxlink
MII Receive Link
I
V6
V2
pr1_mii0_txd0
MII Transmit Data bit 0
O
W17, W3
T2, V13
pr1_mii0_txd1
MII Transmit Data bit 1
O
T13, W2
R12, T1
pr1_mii0_txd2
MII Transmit Data bit 2
O
U13, V2
R4, T12
pr1_mii0_txd3
MII Transmit Data bit 3
O
U12, V1
R3, U12
pr1_mii0_txen
MII Transmit Enable
O
T12, U2
R2, T11
pr1_mii_mr0_clk
MII Receive Clock
I
W6
V4
pr1_mii_mt0_clk
MII Transmit Clock
I
U1, V15
R1, U10
Table 4-30. PRU-ICSS/MII1 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
pr1_mii1_col
MII Collision Detect
I
R15
T17
pr1_mii1_crs
MII Carrier Sense
I
V16, W7
R6, V12
pr1_mii1_rxd0
MII Receive Data bit 0
I
NA
V16
pr1_mii1_rxd1
MII Receive Data bit 1
I
NA
T15
pr1_mii1_rxd2
MII Receive Data bit 2
I
NA
U15
pr1_mii1_rxd3
MII Receive Data bit 3
I
NA
V15
pr1_mii1_rxdv
MII Receive Data Valid
I
NA
T16
pr1_mii1_rxer
MII Receive Data Error
I
NA
V17
pr1_mii1_rxlink
MII Receive Link
I
V18
U18
pr1_mii1_txd0
MII Transmit Data bit 0
O
NA
R14
pr1_mii1_txd1
MII Transmit Data bit 1
O
NA
T14
pr1_mii1_txd2
MII Transmit Data bit 2
O
NA
U14
pr1_mii1_txd3
MII Transmit Data bit 3
O
NA
V14
pr1_mii1_txen
MII Transmit Enable
O
W18
U17
pr1_mii_mr1_clk
MII Receive Clock
I
NA
U16
pr1_mii_mt1_clk
MII Transmit Clock
I
NA
R13
Table 4-31. PRU-ICSS/UART0 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
pr1_uart0_cts_n
UART Clear to Send
I
A18, E17
A17, D18
pr1_uart0_rts_n
UART Request to Send
O
B18, D19
B17, D17
pr1_uart0_rxd
UART Receive Data
I
B17, D18
B16, D16
pr1_uart0_txd
UART Transmit Data
O
A17, C19
A16, D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com