Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59110 Arkusz danych(PDF) 7 Page - Renesas Technology Corp

Numer części ISL59110
Szczegółowy opis  8MHz Rail-to-Rail Composite Video Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL59110 Arkusz danych(HTML) 7 Page - Renesas Technology Corp

Back Button ISL59110 Datasheet HTML 2Page - Renesas Technology Corp ISL59110 Datasheet HTML 3Page - Renesas Technology Corp ISL59110 Datasheet HTML 4Page - Renesas Technology Corp ISL59110 Datasheet HTML 5Page - Renesas Technology Corp ISL59110 Datasheet HTML 6Page - Renesas Technology Corp ISL59110 Datasheet HTML 7Page - Renesas Technology Corp ISL59110 Datasheet HTML 8Page - Renesas Technology Corp ISL59110 Datasheet HTML 9Page - Renesas Technology Corp ISL59110 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ISL59110
FN6104 Rev 5.00
Page 7 of 10
February 12, 2014
FIGURE 24. BLOCK DIAGRAM
Application Information
The ISL59110 is a single supply rail-to-rail output amplifier
achieving a -3dB bandwidth of around 8MHz and slew rate of
about 40V/µs while demanding only 2mA of supply current.
This part is ideally suited for applications with specific
micropower consumption and high bandwidth demands. As the
performance characteristics above and the features described
below, the ISL59110 is designed to be very attractive for
portable composite video applications.
The ISL59110 features a sync clamp, low pass function, and
SAG network at the output facilitating reduction of typically
large AC coupling capacitors. See Figure 24.
Internal Sync Clamp
The typical embedded video DAC operates from a ground
referenced single supply. This becomes an issue because the
lower level of the sync pulse output may be at a 0V reference
level to some positive level. The problem is presenting a 0V
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 23. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
450mW
JA
=
+2
20
°C
/W
SC
70
-6
0.50
0.40
0.30
0.20
0.10
0
0
AMBIENT TEMPERATURE (°C)
150
75
25
100
50
125
85
0.45
0.35
0.25
0.15
0.05
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
500mW
0.55
0.50
0.30
0.20
0.10
0
0
AMBIENT TEMPERATURE (°C)
150
75
25
100
50
125
85
0.40
0.45
0.25
0.15
0.05
0.35
-
+
-
+
IN
RIN
CIN
VDD
IN
EN
GND
VDD
VDD
EN = GND: SHUTDOWN IDD~0
EN = VDD: ACTIVE IDD~1.5mA
R1
R2
R3
C1
C3
VDC
C2
R6 (1.5k)
R5 (0.6k)
R4 (1.2k)
R7 (1k)
OUT
SAG
C5
C4
ROUT
RL
SYNC CLAMP
SALLEN KEY LOW PASS FILTER
SAG
NETWORK
AC COUPLING
CAPACITOR
100nF
47µF
22µF
75
75



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com