| Zakładka z wyszukiwarką danych komponentów |
|
HIP6503CB Arkusz danych(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HIP6503CB Arkusz danych(HTML) 5 Page - Renesas Technology Corp |
|
5 / 14 page ![]() HIP6503 FN4882 Rev 5.00 Page 5 of 14 July 21, 2005 DRV2 Output Drive Current IDRV2 5VSB = 5V, RSEL = 1k 220 - - mA DRV2 Output Impedance RSEL = 10k - 200 - 3.3VDUAL/3.3VSB LINEAR REGULATOR (VOUT3) Sleep State Regulation -- 2.0 % 3V3DL Nominal Voltage Level V3V3DL -3.3 - V 3V3DL Undervoltage Rising Threshold - 2.739 - V 3V3DL Undervoltage Hysteresis -99 - mV 3V3DLSB Output Drive Current I3V3DLSB 5VSB = 5V 5 10 - mA DLA Output Impedance -90 - 2.5VCLK LINEAR REGULATOR (VOUT4) Regulation -- 2.0 % VCLK Nominal Voltage Level VVCLK -2.5 - V VCLK Undervoltage Rising Threshold - 2.075 - V VCLK Undervoltage Hysteresis -75 - mV VCLK Output Current (Note 4) IVCLK V3V3 = 3.3V 500 800 - mA 5VDUAL SWITCH CONTROLLER (VOUT5) 5VDL Undervoltage Rising Threshold - 4.150 - V 5VDL Undervoltage Hysteresis - 150 - mV 5VDLSB Output Drive Current I5VDLSB 5VDLSB = 4V, 5VSB = 5V -20 - -40 mA 5VDLSB Pull-Up Impedance to 5VSB - 350 - TIMING INTERVALS Active State Assessment Past Input UV Thresholds (Note 5) 20 25 30 ms Active-to-Sleep Control Input Delay - 200 - s CONTROL I/O (S3, S5, EN5VDL, FAULT/MSEL) High Level Input Threshold -- 2.2V Low Level Input Threshold 0.8 - - V S3, S5 Internal Pull-up Impedance to 5VSB - 50 - k FAULT Output Impedance FAULT = high - 100 - TEMPERATURE MONITOR Fault-Level Threshold (Note 6) 125 - - °C Shutdown-Level Threshold (Note 6) - 155 - °C NOTES: 2. Sleep-State Only for 3.3V Setting 3. Parameters not guaranteed for 5VSB < 4.0V. 4. At Ambient Temperatures Less Than 50°C. 5. Guaranteed by Correlation. 6. Guaranteed by Design. Electrical Specifications Recommended Operating Conditions, Unless Otherwise Noted Refer to Figures 1, 2 and 3 (Continued) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNITS |