Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AC207-DS02-R Arkusz danych(PDF) 12 Page - Broadcom Corporation.

Numer części AC207-DS02-R
Szczegółowy opis  2.5V 10/100-TX 8-Port Repeater with Integrated Bridge
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOARDCOM [Broadcom Corporation.]
Strona internetowa  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AC207-DS02-R Arkusz danych(HTML) 12 Page - Broadcom Corporation.

Back Button AC207-DS02-R Datasheet HTML 8Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 9Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 10Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 11Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 12Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 13Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 14Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 15Page - Broadcom Corporation. AC207-DS02-R Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
AC207
Preliminary Data Sheet
07/08/02
B roa dcom
Page 2
Transceiver and Transmit Function
Document
AC207-DS04-405-R
SCRAMBLER
In 100BASE-TX mode, the internal 5-bit transmit data stream is scrambled as defined by the TP-PMD Stream Cipher
function in order to reduce radiated emissions on the twisted pair cable. The scrambler encodes a plain text NRZ bit stream
using a key stream periodic sequence of 2047 bits generated by the recursive linear function:
X [n] = X [n-11] + X [n-9] (modulo 2)
The scrambler reduces peak emissions by randomly spreading the signal energy over the transmit frequency range, thus
eliminating peaks at a single frequency. EMI emission can be further reduced by assigning a unique scrambled seed to each
port. When the BT Control register 23.11 is set to 1 the data scrambling function is disabled, the 5-bit data stream is clocked
directly to the device’s PMA sublayer.
PARALLEL TO SERIAL AND NRZ – NRZI TO MLT-3 CONVERSION
The internal 5-bit NRZ data is clocked into Transceiver’s shift register with a 25-MHz clock, and clocked out with a 125-MHz
clock to convert it into a serial bit stream. Both clocks are generated by an on-chip clock synthesizer, and they are in sync
to each other. The serialized data is further converted from NRZ to NRZI format, which produces a transition on every logic
1 and no transition on logic 0. To further reduce EMI emission, the NRZI data is converted to MLT-3 signal. The effect offers
a 3 dB to 6 dB reduction in EMI emissions over an un-converted NRZI signals, thus increases the output signals’ margin of
operating within the FCC Class B limit.
When there is a transition occurring in NRZI data, there is a corresponding transition for MLT-3 data. For NRZI data, it
changes the count up/down direction after every single transition. For MLT-3 data, it changes the count up/down direction
after every two transitions. The NRZI to MLT-3 data conversion is implemented without reference to the bit timing or clock
information. The conversion requires detecting transition of the incoming NRZI data and set up the count up/down direction
for the MLT-3 data. Asserting FX_SEL high bypasses this encoding.
MULTIMODE TRANSMIT DRIVER
The multimode driver transmits MLT-3 coded signal in 100BASE-TX mode and Manchester coded signal in 10BASE-T
mode.
The slew rate of the transmitted MLT-3 signal can be controlled to eliminate high frequency EMI component. The MLT-3
signal after the magnetic has a typical rise/fall time of approximately 4 ns, which is within the target range specified in the
ANSI TP- PMD standard.
In 10BASE-T mode, high frequency pre-emphasis is performed which extends the cable-driving distance without the need
of an external filter. FLP/NLP also drive out through the 10BASE-T driver. The 10BASE-T and 100BASE-TX transmit signals
are multiplexed to the transmit output driver. This arrangement results in using the same external transformer for both the
10BASE-T and the 100BASE-TX. The driver output level is set by a built-in bandgap reference and an external resistor
connected to the RIBB output pin. The resistor sets the output current for all modes of operation. Each of the TXOP/N outputs
is an open drain device which has a source resistance of 10
Ω maximum and a current rating of 40 mA for the 2 Vp-p MLT-
3 signal, 100 mA for 5Vp-p Manchester signal when used 1:1 transformer.
PLL CLOCK SYNTHESIZER
The Transceiver also includes on-chip PLL clock synthesizer that generates a 125-MHz and a 25-MHz clock for the
100BASE-TX or a 100-MHz and 20-MHz clock for the 10BASE-T and auto-negotiation operations. The PLL clock generator
uses a fully differential VCO cell that induces a very low jitter. The Zero Dead Zone Phase Detection method implemented
in this design provides excellent phase tracking. A charge pump with charge sharing compensation is also included to further
reduce jitter at different loop filter voltages. On-chip loop filter eliminates the need for external components and avoids
external noise pickup. Only one external 25-MHz crystal or a signal source is required as a reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60