| Zakładka z wyszukiwarką danych komponentów |
|
AS7261N Arkusz danych(PDF) 20 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7261N Arkusz danych(HTML) 20 Page - ams AG |
|
20 / 42 page ![]() Page 20 ams Datasheet Document Feedback [v1-02] 2017-Feb-27 AS7261N − Detailed Descriptions Detailed Register Description Figure 18: Device ID and Version Registers Figure 19: Device Configuration Registers Addr: 0x01 Device Identification Bit Bit Name Default Access Bit Description 7:0 DEV_ID 01110010 R Device identification number Addr: 0x11 Device Version Bit Bit Name Default Access Bit Description 7:0 DEV_VER R Device version number Addr: 0x70 Device Configuration 1 Bit Bit Name Default Access Bit Description 7:0 DEV_Config_1 R/W Device Configuration 1, must be initialized to 0x8A by external MCU Addr: 0x71 Device Configuration 2 Bit Bit Name Default Access Bit Description 7:0 DEV_Config_2 R/W Device Configuration 1, must be initialized to 0x02 by external MCU Addr: 0xB0 Device Configuration 3 Bit Bit Name Default Access Bit Description 7:0 DEV_Config_3 R/W Device Configuration 1, must be initialized to 0x02 by external MCU Addr: 0x88 Device Configuration 4 Bit Bit Name Default Access Bit Description 7:0 DEV_Config_4 R/W Device Configuration 1, must be initialized to 0x00 by external MCU Addr: 0x9A Device Configuration 5 Bit Bit Name Default Access Bit Description 7:0 DEV_Config_5 R/W Device Configuration 1, must be initialized to 0x02 by external MCU |