Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SC2677TSTR Arkusz danych(PDF) 5 Page - Semtech Corporation

Numer części SC2677TSTR
Szczegółowy opis  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677TSTR Arkusz danych(HTML) 5 Page - Semtech Corporation

  SC2677TSTR Datasheet HTML 1Page - Semtech Corporation SC2677TSTR Datasheet HTML 2Page - Semtech Corporation SC2677TSTR Datasheet HTML 3Page - Semtech Corporation SC2677TSTR Datasheet HTML 4Page - Semtech Corporation SC2677TSTR Datasheet HTML 5Page - Semtech Corporation SC2677TSTR Datasheet HTML 6Page - Semtech Corporation SC2677TSTR Datasheet HTML 7Page - Semtech Corporation SC2677TSTR Datasheet HTML 8Page - Semtech Corporation SC2677TSTR Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
© 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677
NOTES
(1) Channel 1 is the Master and Channel 2 is the Slave in current sharing configuration.
(2) For dual output operation, tie +IN2 to VREF and the two PWM channels are independent.
Block Diagram
1.25V
50uA



Html Pages

1 2 3 4 5 6 7 8 9