Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CP13069 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części CP13069
Szczegółowy opis  ~65째 65째 rectangular beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP13069 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  CP13069 Datasheet HTML 1Page - Ledil, Inc. CP13069 Datasheet HTML 2Page - Ledil, Inc. CP13069 Datasheet HTML 3Page - Ledil, Inc. CP13069 Datasheet HTML 4Page - Ledil, Inc. CP13069 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CP13069_IRENE-IR-4
IRENE-IR-4
~65° 65° rectangular beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue, pin
Colour
white
Box size
480 x 280 x 300 mm
Box weight
10.6 kg
Quantity in Box
1792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
IRENE-4
Lens
PMMA
clear
IRENE-HLD
Holder
PC
white
Last update: 07/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CP13069

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CP1306 ETC-CP1306 Datasheet
209Kb / 2P
1 Channel PCM / ADPCM Codec
More results

Podobny opis - CP13069

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
~65째 wide beam. Assembly with tape.
CS15765 LEDIL-CS15765 Datasheet
5Mb / 6P
~65째 wide beam. New revision.
C15984 LEDIL-C15984 Datasheet
3Mb / 6P
~65째 medium beam for industrial applications.
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
F16749 LEDIL-F16749 Datasheet
6Mb / 6P
~65째 100째 beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com