| Zakładka z wyszukiwarką danych komponentów |
|
DR10D03XR Arkusz danych(PDF) 3 Page - Crydom Inc., |
|
|
|||||||||||||||||||||||||||||
DR10D03XR Arkusz danych(HTML) 3 Page - Crydom Inc., |
|
3 / 7 page ![]() Do not forget to visit us at: www.crydom.com Copyright © 2017 Crydom Inc. Specifications subject to change without notice. Datasheet DIN Rail Mount MECHANICAL SPECIFICATIONS (2) EQUIVALENT CIRCUIT BLOCK DIAGRAMS/WIRING DIAGRAMS AC AC AC Trigger Circuit AC A A B B AC/DC Converter -DC +DC + AC Trigger Circuit AC Visible LED Visible LED LOAD LOAD +3/A1 3/A1 -4/A1 -4/A1 2/T1 1/L1 LOAD LOAD 2/T1 1/L1 A B -VDC +VDC LOAD LOAD 2/T1 1/L1 Current Limiter -DC +DC +3/A1 -4/A1 Control Circuit Load can be wired in position A or B (A) Load can be wired in position A or B (A) (A) (A) (B) (B) Inductive loads must be diode supressed to prevent damage to SSR |