Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ELG128M250AT5AA Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części ELG128M250AT5AA
Szczegółowy opis  Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/105C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELG128M250AT5AA Arkusz danych(HTML) 1 Page - Kemet Corporation

  ELG128M250AT5AA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 319de2ec-3b07-40cf-925e-589a36fe10e1
KEMET Part Number: ELG128M250AT5AA
Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 250 V, -25/+105C
Full Plastic
Sleeve Insulation
LL
D
L
PCB Layout
F
S
Dimensions
D
35mm +/-1mm
L
45mm +/-2mm
S
10mm +/-0.5mm
LL
5.8mm +/-1mm
F
2mm +/-0.1mm
Packaging Specifications
Packaging: Bulk
General Information
Dielectric: Aluminum Electrolytic
Series: ELG
Description: Snap-In, Aluminum Electrolytic
RoHS: Yes
Lead: 2 Pin
Specifications
Capacitance: 1200 uF
Capacitance Tolerance: 20%
Voltage DC: 250 VDC, 300 VDC (Surge)
Temperature Range: -25/+105C
Rated Temperature: 105C
Life: 2000 Hrs
Dissipation Factor: 15%
Resistance: 75 mOhms (20kHz)
Current: 2450 mAmps (120Hz)
Leakage Current: 3000 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Podobny numer części - ELG128M250AT5AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
More results

Podobny opis - ELG128M250AT5AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ELG227M400AR5AA KEMET-ELG227M400AR5AA Datasheet
55Kb / 1P
Aluminum Electrolytic, 105C, ELG, 220 uF, 20%, 400 V, -25/105C
ELG567M250AR5AA KEMET-ELG567M250AR5AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 560 uF, 20%, 250 V, -25/105C
ELG108M160AR5AA KEMET-ELG108M160AR5AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 1000 uF, 20%, 160 V, -25/105C
ELG187M400AS2AA KEMET-ELG187M400AS2AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 180 uF, 20%, 400 V, -25/105C
ELG128M200AS5AA KEMET-ELG128M200AS5AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 1200 uF, 20%, 200 V, -25/105C
ELG687M250AR6AA KEMET-ELG687M250AR6AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 680 uF, 20%, 250 V, -25/105C
ELG227M250AQ2AA KEMET-ELG227M250AQ2AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 220 uF, 20%, 250 V, -25/105C
ELG108M250AT4AA KEMET-ELG108M250AT4AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 1000 uF, 20%, 250 V, -25/105C
ELG477M250AR3AA KEMET-ELG477M250AR3AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 470 uF, 20%, 250 V, -25/105C
ELG337M250AQ3AA KEMET-ELG337M250AQ3AA Datasheet
56Kb / 1P
Aluminum Electrolytic, 105C, ELG, 330 uF, 20%, 250 V, -25/105C
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com