Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ALS60A122KM550 Arkusz danych(PDF) 1 Page - Kemet Corporation

Numer części ALS60A122KM550
Szczegółowy opis  Aluminum Electrolytic, 85C, ALS60, 1200 uF, 20%, 550 V, -40/85C
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS60A122KM550 Arkusz danych(HTML) 1 Page - Kemet Corporation

  ALS60A122KM550 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 8f6bc763-f168-4136-a1d4-0d1bbda9082c
KEMET Part Number: ALS60A122KM550
Aluminum Electrolytic, 85C, ALS60, 1200 uF, 20%, 550 V, -40/+85C
Dimensions
D
51mm +/-1mm
L
131mm +/-2mm
T
5.5mm +/-0.5mm
S
22.2mm +/-0.5mm
DT
13mm +/-0.5mm
LT
136mm +/-1mm
TD
10mm MIN
V
13.7mm NOM
Z
10mm NOM
Packaging Specifications
Weight: 385 g
Sleeving: Yes
Packaging: Bulk
General Information
Dielectric: Aluminum Electrolytic
Series: ALS60
Description: High Voltage, Screw Terminal,
Aluminum Electrolytic
Features: High Voltage
RoHS: Yes
Notes: Dimensions D And L Include
Sleeving. MS (MxH) = M12x16
Specifications
Capacitance: 1200 uF
Capacitance Tolerance: 20%
Voltage DC: 550 VDC, 605 VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life: 18000 Hrs
Resistance: 252.3 mOhms (100Hz 20C),
223.65 mOhms (10kHz 20C)
Current: 7.05 Amps (100Hz 85C), 11.01
Amps (10kHz 85C)
Leakage Current: 3960 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Podobny numer części - ALS60A122KM550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ALS60A102KJ550 KEMET-ALS60A102KJ550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A102ME550 KEMET-ALS60A102ME550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A182MM550 KEMET-ALS60A182MM550 Datasheet
75Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
ALS60A182NF550 KEMET-ALS60A182NF550 Datasheet
75Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
More results

Podobny opis - ALS60A122KM550

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ALS60A102ME550 KEMET-ALS60A102ME550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A222QH550 KEMET-ALS60A222QH550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 2200 uF, 20%, 550 V, -40/85C
ALS60A272NM550 KEMET-ALS60A272NM550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 2700 uF, 20%, 550 V, -40/85C
ALC10G122FP550 KEMET-ALC10G122FP550 Datasheet
76Kb / 1P
Aluminum Electrolytic, 85C, ALC10, 1200 uF, 20%, 550 V, -40/85C
ALS60A222NJ550 KEMET-ALS60A222NJ550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 2200 uF, 20%, 550 V, -40/85C
ALS60A182NF550 KEMET-ALS60A182NF550 Datasheet
75Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
ALS60A222MP550 KEMET-ALS60A222MP550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 2200 uF, 20%, 550 V, -40/85C
ALS60A332NP550 KEMET-ALS60A332NP550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 3300 uF, 20%, 550 V, -40/85C
ALS60A102KJ550 KEMET-ALS60A102KJ550 Datasheet
74Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1000 uF, 20%, 550 V, -40/85C
ALS60A182MM550 KEMET-ALS60A182MM550 Datasheet
75Kb / 1P
Aluminum Electrolytic, 85C, ALS60, 1800 uF, 20%, 550 V, -40/85C
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com