Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C14501 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C14501
Szczegółowy opis  IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14501 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C14501 Datasheet HTML 1Page - Ledil, Inc. C14501 Datasheet HTML 2Page - Ledil, Inc. C14501 Datasheet HTML 3Page - Ledil, Inc. C14501 Datasheet HTML 4Page - Ledil, Inc. C14501 Datasheet HTML 5Page - Ledil, Inc. C14501 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C14501_STRADELLA-T3
STRADELLA-T3
IESNA Type III (medium) beam for roads that are
equal to or wider than mounting height
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 x 13.9 mm
Height
5 mm
Fastening
pin, glue
Colour
clear
Box size
380 x 280 x 270 mm
Box weight
10.5 kg
Quantity in Box
16000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-T3
Lens
PMMA
clear
Last update: 07/06/2016
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - C14501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C14502 LEDIL-C14502 Datasheet
2Mb / 5P
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
More results

Podobny opis - C14501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
FP15752 LEDIL-FP15752 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C15982 LEDIL-C15982 Datasheet
2Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
CA14640 LEDIL-CA14640 Datasheet
1Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
CS16102 LEDIL-CS16102 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS15068 LEDIL-CS15068 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
FN15180 LEDIL-FN15180 Datasheet
3Mb / 11P
IESNA Type III (medium) beam for roads that are equal
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com