Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C15982 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C15982
Szczegółowy opis  IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15982 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C15982 Datasheet HTML 1Page - Ledil, Inc. C15982 Datasheet HTML 2Page - Ledil, Inc. C15982 Datasheet HTML 3Page - Ledil, Inc. C15982 Datasheet HTML 4Page - Ledil, Inc. C15982 Datasheet HTML 5Page - Ledil, Inc. C15982 Datasheet HTML 6Page - Ledil, Inc. C15982 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C15982_STRADELLA-8-HV-T3
STRADELLA-8-HV-T3
IESNA Type III (medium) beam for roads that are
equal to or wider than mounting height. Variant
with longer distance between location pins
allowing high voltage circuit designs.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5+49.5 mm
Height
5 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
5.7 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-8-HV-T3
Lens array
PMMA
clear
Last update: 24/05/2018
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - C15982

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C15981 LEDIL-C15981 Datasheet
3Mb / 7P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
C15983 LEDIL-C15983 Datasheet
3Mb / 7P
~25째 spot beam for industrial applications.
C15984 LEDIL-C15984 Datasheet
3Mb / 6P
~65째 medium beam for industrial applications.
C15985 LEDIL-C15985 Datasheet
3Mb / 7P
~85째 wide beam for industrial applications.
C15986 LEDIL-C15986 Datasheet
4Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
More results

Podobny opis - C15982

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C16503 LEDIL-C16503 Datasheet
3Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
FP15752 LEDIL-FP15752 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C14501 LEDIL-C14501 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CA14640 LEDIL-CA14640 Datasheet
1Mb / 5P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
CS16102 LEDIL-CS16102 Datasheet
3Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
C14029 LEDIL-C14029 Datasheet
1Mb / 5P
IESNA Type IV beam for wider roads and large outdoor areas
CA13688 LEDIL-CA13688 Datasheet
3Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS15068 LEDIL-CS15068 Datasheet
4Mb / 6P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height
CS14143 LEDIL-CS14143 Datasheet
5Mb / 17P
IESNA Type III (medium) beam for roads
FN15180 LEDIL-FN15180 Datasheet
3Mb / 11P
IESNA Type III (medium) beam for roads that are equal
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com