Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

C15984 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części C15984
Szczegółowy opis  ~65째 medium beam for industrial applications.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15984 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  C15984 Datasheet HTML 1Page - Ledil, Inc. C15984 Datasheet HTML 2Page - Ledil, Inc. C15984 Datasheet HTML 3Page - Ledil, Inc. C15984 Datasheet HTML 4Page - Ledil, Inc. C15984 Datasheet HTML 5Page - Ledil, Inc. C15984 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C15984_STRADELLA-8-HV-HB-M
STRADELLA-8-HV-HB-M
~65° medium beam for industrial applications.
Variant with longer distance between location
pins allowing high voltage circuit designs.
TECHNICAL SPECIFICATIONS:
Dimensions
49.5+49.5 mm
Height
5.7 mm
Fastening
pin, screw
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
4.4 kg
Quantity in Box
800 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-8-HV-HB-M
Lens array
PMMA
clear
Last update: 05/06/2017
Subject to change without prior notice
1/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - C15984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
C15981 LEDIL-C15981 Datasheet
3Mb / 7P
IESNA Type II (medium) beam, applicable for European P-class standard pedestrian lighting and M-class roads
C15982 LEDIL-C15982 Datasheet
2Mb / 7P
IESNA Type III (medium) beam for roads that are equal to or wider than mounting height.
C15983 LEDIL-C15983 Datasheet
3Mb / 7P
~25째 spot beam for industrial applications.
C15985 LEDIL-C15985 Datasheet
3Mb / 7P
~85째 wide beam for industrial applications.
C15986 LEDIL-C15986 Datasheet
4Mb / 6P
IESNA Type V (square) beam for wide areas lighting such as car parks
More results

Podobny opis - C15984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
C15184 LEDIL-C15184 Datasheet
5Mb / 8P
~60째 medium beam for industrial applications
C15246 LEDIL-C15246 Datasheet
3Mb / 6P
~60째 medium beam for industrial applications
C15431 LEDIL-C15431 Datasheet
8Mb / 6P
~60째 medium beam for industrial applications
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16329 LEDIL-CS16329 Datasheet
6Mb / 6P
~65째 medium beam. Variant made from PC.
C16597 LEDIL-C16597 Datasheet
7Mb / 6P
~60째 medium beam for industrial applications
C16799 LEDIL-C16799 Datasheet
3Mb / 6P
~90째 medium beam for industrial applications.
C16041 LEDIL-C16041 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications.
C16800 LEDIL-C16800 Datasheet
2Mb / 4P
~60째 medium beam for industrial applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com